Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R33 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT95R33
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R33 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT95R33 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 27Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 28Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 29Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 30Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 31Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
HT95R33
Rev. 1.10
28
February 18, 2009
Reset Initial Conditions
The different types of reset described affect the reset
flags in different ways. These flags, known as PDF and
TO are located in the status register and are controlled
by various microcontroller operations, such as the
Power Down function or Watchdog Timer. The reset
flags are shown in the table:
TO PDF
RESET Conditions
0
0
RES reset during power-on
u
u
RES or LVR reset during normal operation
1
u
WDT time-out reset during normal operation
1
1
WDT time-out reset during Power Down
Note:
²u² stands for unchanged
The following table indicates the way in which the vari-
ous components of the microcontroller are affected after
a power-on reset occurs.
Item
Condition After RESET
Program Counter
Reset to zero
Interrupts
All interrupts will be disabled
WDT
Clear after reset, WDT begins
counting
Timer/Event
Counters
The Timer Counters will be
turned off
Input/Output Ports
I/O ports will be setup as inputs
Stack Pointer
Stack Pointer will point to the top
of the stack
The different kinds of resets all affect the internal regis-
ters of the microcontroller in different ways. To ensure
reliable continuation of normal program execution after
a reset occurs, it is important to know what condition the
microcontroller is in after a particular reset occurs. The
following table describes how each type of reset affects
each of the microcontroller internal registers.
Register
Reset (Power-on)
RES or LVR Reset
(Normal/Green)
RES or LVR Reset
(Sleep/Idle)
WDT Time-out
(Normal/Green)
WDT Time-out
(Sleep/Idle)
IAR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
IAR1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
BP
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000H
0000H
0000H
0000H
0000H
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
WDTS
0000 0111
0000 0111
0000 0111
0000 0111
uuuu uuuu
STATUS
- - 00 xxxx
- - uu uuuu
- - 01 uuuu
- - 1u uuuu
- - 11 uuuu
INTC0
- 000 0000
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
TMR0H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR0L
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR0C
00
- 01 ---
00
- 01 ---
00
- 01 ---
00
- 01 ---
uu
- uu ---
TMR1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR1C
00
- 01 ---
00
- 01 ---
00
- 01 ---
00
- 01 ---
uu
- uu ---
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PCC
1111
-- 11
1111
-- 11
1111
-- 11
1111
-- 11
uuuu
-- uu
PD
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com