Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R33 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT95R33
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R33 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT95R33 Datasheet HTML 30Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 31Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 32Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 33Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 34Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 35Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 36Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 37Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
HT95R33
Rev. 1.10
34
February 18, 2009
Output Frequency (Hz)
% Error
Specified
Actual
697
699
+0.29%
770
766
-0.52%
852
847
-0.59%
941
948
+0.74%
1209
1215
+0.50%
1336
1332
-0.30%
1477
1472
-0.34%
% Error does not contain the crystal frequency shift
DTMF Frequency Selection Table
Low Group
High Group
DTMF Output
Code
TR4
TR3
TR2
TR1
TC4
TC3
TC2
TC1
Low
High
0001000
1
697
1209
1
0001001
0
697
1336
2
0001010
0
697
1477
3
0001100
0
697
1633
A
0010000
1
770
1209
4
0010001
0
770
1336
5
0010010
0
770
1477
6
0010100
0
770
1633
B
0100000
1
852
1209
7
0100001
0
852
1336
8
0100010
0
852
1477
9
0100100
0
852
1633
C
1000000
1
941
1209
*
1000001
0
941
1336
0
1000010
0
941
1477
#
1000100
0
941
1633
D
Single tone for testing only
0001000
0
697
x
x
0010000
0
770
x
x
0100000
0
852
x
x
1000000
0
941
x
x
0000000
1
x
1209
x
0000001
0
x
1336
x
0000010
0
x
1477
x
0000100
0
x
1633
x
Writing other values to TR4~TR1, TC4~TC1 may generate an unpredictable tone.
1 / 2 V D D
T O N E = 1
A l l t h e t i m i n g o f t h e T O N E = 1 a n d T O N E = 0 a r e d e t e r m i n e d b y s o f t w a r e
T O N E = 0
T O N E = 1
T O N E = 0
T O N E = 1
T O N E = 0
D _ P D W N = 0
D _ P D W N = 1
DTMF Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com