Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R33 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT95R33
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R33 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT95R33 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 27Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 28Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 29Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 30Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 31Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 32Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
HT95R33
Rev. 1.10
29
February 18, 2009
Register
Reset (Power-on)
RES or LVR Reset
(Normal/Green)
RES or LVR Reset
(Sleep/Idle)
WDT Time-out
(Normal/Green)
WDT Time-out
(Sleep/Idle)
PDC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PE
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
PEC
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
INTC1
- 000 - 000
- 000 - 000
- 000 - 000
- 000 - 000
- uuu - uuu
DTMFC
---- 0 -- 1
---- 0 -- 1
---- 0 -- 1
---- 0 -- 1
---- - u - u
DTMFD
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
DTRXC
---- - 001
---- - 001
---- - 001
---- - 001
---- - uuu
DTRXD
---- 0000
---- 0000
---- 0000
---- 0000
---- uuuu
RTCC
0
- 0 - ----
u
- u - ----
u
- u - ----
u
- u - ----
u
- u - ----
MODE
000
- ----
00u
- ----
00u
- ----
00u
- ----
00u
- ----
MFIC
- 000 - 000
- 000 - 000
- 000 - 000
- 000 - 000
- uuu - uuu
PFDC
0000
----
0000
----
0000
----
0000
----
uuuu
----
PFDD
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
Note:
²u² stands for unchanged
²x² stands for unknown
²-² stands for unimplemented
Oscillator
There are two oscillator circuits within the controller. One is for the system clock which uses an externally connected
32768Hz crystal. The other is an internal watchdog oscillator.
System Crystal/Ceramic Oscillator
The system clock is generated using an external 32768Hz crystal or ceramic resonator connected between pins X1
and X2. From this clock source an internal circuit generates a 3.58MHz clock source which is also required by the sys-
tem. This frequency generator circuit requires the addition of externally connected RC components to pin XC to form a
low pass filter for the 3.58MHz output frequency stabilisation.
Watchdog Timer Oscillator
The WDT oscillator is a fully integrated free running RC oscillator with a typical period of 65
ms at 5V, requiring no exter-
nal components. It is selected via configuration option. If selected, when the device enters the Power Down Mode, the
system clock will stop running, however the WDT oscillator will continue to run and keep the watchdog function active.
However, as the WDT will consume a certain amount of power when in the Power Down Mode, for low power applica-
tions, it may be desirable to disable the WDT oscillator by configuration option.
X 1
X 2
X C
1 5 k W
3 n F
4 7 n F
Crystal/Ceramic Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com