Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R33 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT95R33
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R33 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT95R33 Datasheet HTML 29Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 30Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 31Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 32Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 33Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 34Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 35Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 36Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
HT95R33
Rev. 1.10
33
February 18, 2009
DTMF Generator
The device includes a fully integrated DTMF, Dual-Tone Multiple-Frequency, generator function. This functional block
can generate the necessary16 dual tones and 8 single tones for DTMF signal generation. The signal will be provided on
the DTMF pin of the device. The DTMF generator also includes a power down and a tone on/off function. The clock
source for the DTMF generator is the 3.58MHz oscillator. Before the DTMF function is used, the device must have been
placed into the Normal mode.
DTMF Generator Control
The DTMF Generator is controlled by two registers, a control register known as DTMFC and a data register known as
DTMFD. The power down mode will terminate all the DTMF generator functions and can be activated by setting the
D_PWDN bit in the DTMFC register to 1. These two registers, DTMFC and DTMFD are still accessible even if the
DTMF function is in the power down mode. The generation duration time of the DTMF output signal should be deter-
mined by the software. The DTMFD register value can be changed as desired, at which point the DTMF pin will output
the new dual-tone simultaneously.
D T M F C
b 7
b 0
T O N E
D T M F G e n e r a t o r P o w e r D o w n E n a b l e
1 : e n a b l e
0 : d i s a b l e
D _ P W D N
N o t i m p l e m e n t e d , r e a d a s " 0 "
T o n e O u t p u t E n a b l e
1 : e n a b l e
0 : d i s a b l e
N o t i m p l e m e n t e d , r e a d a s " 0 "
DTMF Generator Control Register
DTMF Generator Frequency Selection
The DTMF pin output is controlled using a combination of the D_PWDN, TONE, TR~TC bits.
2
5
8
0
3
6
9
#
A
B
C
D
R O W 1
R O W 2
R O W 3
R O W 4
C O L 1 C O L 2 C O L 3 C O L 4
1
4
7
*
DTMF Dialing Matrix
D T M F D
b 7
b 0
H i g h g r o u p ( c o l u m n ) t o n e f r e q u e n c y s e l e c t
L o w g r o u p ( r o w ) t o n e f r e q u e n c y s e l e c t
T R 4
T R 3
T R 2
T R 1
T C 4
T C 3
T C 2
T C 1
DTMF Generator Data Register
Control Register Bits
DTMF Pin Output Status
D_PWDN
TONE
TR4~TR1/TC4~TC1
1x
x
0
0
0
x
1/2 VDD
0
1
0
1/2 VDD
0
1
Any valid value
16 dual tones or 8 signal tones, bias at 1/2 VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com