Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R33 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT95R33
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R33 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT95R33 Datasheet HTML 35Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 36Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 37Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 38Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 39Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 40Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 41Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 42Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
HT95R33
Rev. 1.10
39
February 18, 2009
PFD Data Register
Bit No.
Label
R/W
Function
7~0
¾
RW
PFD data register
PFDD (2FH) Register
PFD_Output_Frequency=
Prescaler_Output
2x(N 1)
+
, where N = the value of the PFD Data
RTC Function
When RTC 1000ms time-out occurs, the hardware will set the interrupt request flag RTCF and the RTCTO flag to 1.
When the interrupt service routine is serviced, the interrupt request flag (RTCF) will be cleared to 0, but the flag RTCTO
remains in its original values. This bit (RTCTO) should be cleared only by software. However, next RTC interrupt will
still occur, even though the RTCTO flag is not cleared.
Low Voltage Reset Functions
There is a low voltage reset circuit (LVR) implemented in the microcontroller. This function can be enabled/disabled by
options. Once the LVD options is enabled, the user can use the RTCC.3 to enable/disable (1/0) the LVD circuit and read
the LVD detector status (0/1) from RTCC.5; otherwise, the LVD function is disabled.
The microcontroller provides low voltage reset circuit in order to monitor the supply voltage of the device. If the supply
voltage of the device is within the range 0.9V~3.3V, such as changing a battery, the LVR will automatically reset the de-
vice internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in their original state to exceed 1ms. If the low voltage state does not ex-
ceed 1ms, the LVR will ignore it and do not perform a reset function.
· The LVR uses the
²OR² function with the external RES signal to perform chip reset.
The relationship between VDD and VLVR is shown below.
5 . 5 V
3 . 0 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
R T C C R e g i s t e r
b 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
R T C F u n c t i o n E n a b l e
1 : e n a b l e
0 : d i s a b l e
R T C T i m e - o u t F l a g
1 : R T C t i m e - o u t o c c u r s
0 : R T C t i m e - o u t d o e s n o t o c c u r
R T C E N
N o t i m p l e m e n t e d , r e a d a s " 0 "
R T C T O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com