Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R33 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT95R33
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R33 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT95R33 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 27Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 28Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
HT95R33
Rev. 1.10
25
February 18, 2009
A u t o m a t i c a l l y C l e a r e d b y I S R
M a n u a l l y S e t o r C l e a r e d b y S o f t w a r e
E x t e r n a l I n t e r r u p t
R e q u e s t F l a g E I F
T i m e r / E v e n t C o u n t e r 0
I n t e r r u p t R e q u e s t F l a g T 0 F
T i m e r / E v e n t C o u n t e r 1
I n t e r r u p t R e q u e s t F l a g T 1 F
E E I
E T 0 I
E T 1 I
E M I
A u t o m a t i c a l l y D i s a b l e d b y I S R
C a n b e E n a b l e d M a n u a l l y
P r i o r i t y
H i g h
I n t e r r u p t
P o l l i n g
P e r i p h e r a l I n t e r r u p t
R e q u e s t F l a g P E R F
E P E R I
R T C I n t e r r u p t
R e q u e s t F l a g R T F
E R T C I
L o w
M u l t i - f u n c t i o n I n t e r r u p t
R e q u e s t F l a g M F F
E M F I
Interrupt Structure
Interrupt Priority
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In case of simultaneous requests, the
following table shows the priority that is applied. These
can be masked by resetting the EMI bit.
Interrupt Source
All Devices Priority
Reset
1
External Interrupt
2
Timer 0 Interrupt
3
Timer 1 Interrupt
4
Peripheral Interrupt
5
Real Time Clock Interrupt
6
Multi-function Interrupt
7
In cases where both external and internal interrupts are
enabled and where an external and internal interrupt oc-
curs simultaneously, the external interrupt will always
have priority and will therefore be serviced first. Suitable
masking of the individual interrupts using the INTC reg-
ister can prevent simultaneous occurrences.
External Interrupt
For an external interrupt to occur, the global interrupt en-
able bit, EMI, and external interrupt enable bit, EEI,
must first be set. An actual external interrupt will take
place when the external interrupt request flag, EIF, is
set, a situation that will occur when a high to low transi-
tion appears on the INT line. When the interrupt is en-
abled, the stack is not full and a high to low transition
appears on the external interrupt pin, a subroutine call to
the external interrupt vector at location 04H, will take
place. When the interrupt is serviced, the external inter-
rupt request flag, EIF, will be automatically reset and the
EMI bit will be automatically cleared to disable other in-
terrupts.
Timer/Event Counter Interrupt
For a Timer/Event Counter interrupt to occur, the global
interrupt enable bit, EMI, and the corresponding timer
interrupt enable bit, ET0I or ET1I, must first be set. An
actual Timer/Event Counter interrupt will take place
when the Timer/Event Counter request flag, T0F or T1F,
is set, a situation that will occur when the Timer/Event
Counter overflows. When the interrupt is enabled, the
stack is not full and a Timer/Event Counter overflow oc-
curs, a subroutine call to the timer interrupt vector at lo-
cation 08H or 0CH, will take place. When the interrupt is
serviced, the timer interrupt request flag, T0F or T1F, will
be automatically reset and the EMI bit will be automati-
cally cleared to disable other interrupts.
Peripheral Interrupt
For a Peripheral interrupt to occur, the global interrupt
enable bit, EMI, and the corresponding peripehral inter-
rupt enable bit, EPERI, must first be set. An actual Pe-
ripheral interrupt will take place when the Peripheral
interrupt request flag, PERF, is set, a situation that will
occur when DTMF receiver detects a valid character.
When the interrupt is enabled, the stack is not full and a
Peripheral interrupt request occurs, a subroutine call to
the peripheral interrupt vector at location 10H, will take
place. When the interrupt is serviced, the peripheral in-
terrupt request flag, PERF, will be automatically reset
and the EMI bit will be automatically cleared to disable
other interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com