Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535BVTATH Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8535BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535BVTATH Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8535BVTATH Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
enhanced Local Bus Controller (eLBC)
Freescale Semiconductor
68
Table 53 describes the general timing parameters of the local bus interface at BVDD = 1.8 V DC
Output hold from local bus clock for LAD/LDP
—
tLBKHOX2
0.8
—
ns
3
Local bus clock to output high Impedance (except LAD/LDP
and LALE)
—tLBKHOZ1
—2.6
ns
5
Local bus clock to output high impedance for LAD/LDP
—
tLBKHOZ2
—2.6
ns
5
Note:
1. The symbols used for timing specifications herein follow the pattern of t(First two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1 symbolizes local bus
timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes high (H), in this case for
clock one(1). Also, tLBKHOX symbolizes local bus timing (LB) for the tLBK clock reference (K) to go high (H), with respect to the
output (O) going invalid (X) or output hold time.
2. All timings are in reference to LSYNC_IN for PLL enabled and internal local bus clock for PLL bypass mode.
3. All signals are measured from BVDD/2 of the rising edge of LSYNC_IN for PLL enabled or internal local bus clock for PLL
bypass mode to 0.4
× BVDD of the signal in question for 2.5-V signaling levels.
4. Input timings are measured at the pin.
5. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered through
the component pin is less than or equal to the leakage current specification.
6. tLBOTOT is a measurement of the minimum time between the negation of LALE and any change in LAD. tLBOTOT is guaranteed
with LBCR[AHD] = 0.
7. Maximum possible clock skew between a clock LCLK[m] and a relative clock LCLK[n]. Skew measured between
complementary signals at BVDD/2.
Table 53. Local Bus General Timing Parameters (BVDD = 1.8 V DC)
Parameter
Configuration Symbol 1
Min
Max
Unit
Notes
Local bus cycle time
—
tLBK
7.5
12
ns
2
Local bus duty cycle
—
tLBKH/tLBK
43
57
%
LCLK[n] skew to LCLK[m] or LSYNC_OUT
—tLBKSKEW
150
ps
7
Input setup to local bus clock (except LUPWAIT)
—
tLBIVKH1
2.4
—
ns
3, 4
LUPWAIT input setup to local bus clock
—
tLBIVKH2
1.9
—
ns
3, 4
Input hold from local bus clock (except LUPWAIT)
—
tLBIXKH1
1.1
—
ns
3, 4
LUPWAIT input hold from local bus clock
—
tLBIXKH2
1.1
—
ns
3, 4
LALE output transition to LAD/LDP output transition (LATCH
setup and hold time)
—tLBOTOT
1.2
—
ns
6
Local bus clock to output valid (except LAD/LDP and LALE)
—
tLBKHOV1
—3.2
ns
—
Local bus clock to data valid for LAD/LDP
—
tLBKHOV2
—3.2
ns
3
Local bus clock to address valid for LAD
—
tLBKHOV3
—3.2
ns
3
Local bus clock to LALE assertion
—
tLBKHOV4
—3.2
ns
3
Output hold from local bus clock (except LAD/LDP and LALE)
—
tLBKHOX1
0.9
—
ns
3
Table 52. Local Bus General Timing Parameters (BVDD = 2.5 V DC) (continued)
Parameter
Configuration Symbol 1
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com