Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535BVTATH Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8535BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535BVTATH Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8535BVTATH Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
FC-PBGA–783
29 mm
× 29 mm
Freescale Semiconductor
Data Sheet: Product Preview
© Freescale Semiconductor, Inc., 2009. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
• High-performance, 32-bit e500 core, scaling up to
1.25 GHz, that implements the Power Architecture™
technology
– 36-bit physical addressing
– Double-precision embedded floating point APU using
64-bit operands
– Embedded vector and scalar single-precision
floating-point APUs using 32- or 64-bit operands
– Memory management unit (MMU)
• Integrated L1/L2 cache
– L1 cache—32-Kbyte data and 32-Kbyte instruction
– L2 cache—512-Kbyte (8-way set associative)
• DDR2/DDR3 SDRAM memory controller with full ECC
support
– One 64-bit/32-bit data bus
– Up to 250-MHz clock (500-MHz data rate)
– Supporting up to 16 Gbytes of main memory
– Using ECC, detects and corrects all single-bit errors and
detects all double-bit errors and all errors within a nibble
– Invoke a level of system power management by
asserting MCKE SDRAM signal on-the-fly to put the
memory into a low-power sleep mode
– Both hardware and software options to support
battery-backed main memory
• Integrated security engine (SEC) optimized to process all
the algorithms associated with IPsec, IKE, SSL/TLS,
iSCSI, SRTP, IEEE Std 802.16e™, and 3GPP.
– XOR engine for parity checking in RAID storage
applications
• Enhanced Serial peripheral interfaces (eSPI)
– Support boot capability from eSPI
• Two enhanced three-speed Ethernet controllers (eTSECs)
with SGMII support
– Three-speed support (10/100/1000 Mbps)
– Two IEEE Std 802.3™, IEEE 802.3u, IEEE 802.3x,
IEEE 802.3z, IEEE 802.3ac, IEEE 802.3ab, and
IEEE Std 1588™-compatible controllers
– Support for various Ethernet physical interfaces: GMII,
TBI, RTBI, RGMII, MII, RGMII, RMII, and SGMII
– Support TCP/IP acceleration and QOS features
– MAC address recognition and RMON statistics support
– Support ARP parsing and generating wake-up events
based on the parsing results while in deep sleep mode
– Support accepting and storing packets while in deep
sleep mode
• High-speed interfaces (multiplexed) supporting:
– Two PCI Express interfaces
– PCI Express 1.0a compatible
– One x4/x2/x1 PCI Express interface
– Two x2/x1 ports
– One SGMII interface
–One Serial ATA (SATA) Controller supports SATA I and
SATA II data rates
• PCI 2.2 compatible PCI controller
•Two universal serial bus (USB) dual-role controllers
comply with USB specification revision 2.0
• 133-MHz, 32-bit, enhanced local bus (eLBC) with memory
controller
• Enhanced secured digital host controller (eSDHC) used for
SD/MMC card interface
– Support boot capability from eSDHC
• Integrated four-channel DMA controller
•Dual I
2C and dual universal asynchronous
receiver/transmitter (DUART) support
• Programmable interrupt controller (PIC)
• Power management, low standby power
– Support Doze, Nap, Sleep, Jog, and Deep Sleep mode
– PMC wake on: LAN activity, USB connection or remote
wakeup, GPIO, internal timer, or external interrupt event
• System performance monitor
• IEEE Std 1149.1™-compatible, JTAG boundary scan
• 783-pin FC-PBGA package, 29 mm
× 29 mm
Document Number: MPC8535EEC
Rev. 2, 09/2009
MPC8535E
PowerQUICC™ III
Integrated Processor
Hardware Specifications


Similar Part No. - MPC8535BVTATH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8535E FREESCALE-MPC8535E Datasheet
2Mb / 126P
Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8535E NXP-MPC8535E Datasheet
2Mb / 127P
MPC8535E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 07/2015
MPC8535EEC NXP-MPC8535EEC Datasheet
2Mb / 127P
MPC8535E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 07/2015
logo
Freescale Semiconductor...
MPC8535E FREESCALE-MPC8535E_10 Datasheet
2Mb / 126P
Integrated Processor Hardware Specifications
More results

Similar Description - MPC8535BVTATH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
PowerQUICC III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
PowerQUICC III Integrated Processor Hardware Specifications
MPC8536EEC FREESCALE-MPC8536EEC Datasheet
1Mb / 126P
MPC8536E PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com