Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535BVTATH Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC8535BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535BVTATH Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC8535BVTATH Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 126 page
background image
Pin Map
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
19
SGND
SerDes 1 Transceiver core
logic GND (xcorevss)
M28,N26,P24,P27,
R25,T28,U24,U26,V24,
W25,Y28,AA24,AA26,
AB24,AB27,AD28
——
—
X2GND
SerDes 2 Transceiver pad
GND (xpadvss)
R12,M10,N11,L12
—
—
—
S2GND
SerDes 2 Transceiver core
logic GND (xcorevss)
P8,P9,N6,M8
—
—
—
AGND_SRDS
SerDes 1 PLL GND
V27
—
—
—
AGND_SRDS2
SerDes 2 PLL GND
T2
—
—
—
SENSEVSS
GND Sensing
V16
—
—
13
Analog Signals
MVREF
SSTL2 reference voltage
A28
Reference
voltage for
DDR
GVDD/2
—
SD1_IMP_CAL_RX
Rx impedance calibration
M26
—
200
Ω (±1%)
to GND
—
SD1_IMP_CAL_TX
Tx impedance calibration
AE28
—
100
Ω (±1%)
to GND
—
SD1_PLL_TPA
PLL test point analog
V26
—
AVDD_SRD
S analog
18
SD2_IMP_CAL_RX
Rx impedance calibration
R7
—
200
Ω (±1%)
to GND
—
SD2_IMP_CAL_TX
Tx impedance calibration
L6
—
100
Ω (±1%)
to GND
—
SD2_PLL_TPA
PLL test point analog
T3
—
AVDD_SRD
S2 analog
18
Reserved
—
R4
—
—
—
Reserved
—
R5
—
—
—
No Connect Pins
NC
—
C19,D7,D10,L10,R10,
B6,F12,J7,P10,M25,
W27,N24,N10,R8,J9,
K9,V25,R9
——
—
Table 1. MPC8535E Pinout Listing
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com