Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535BVTATH Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MPC8535BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535BVTATH Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MPC8535BVTATH Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
PCI Express
Freescale Semiconductor
100
VTX-DE-RATIO
De- Emphasized
Differential Output
Voltage (Ratio)
–3.0
–3.5
–4.0
dB
Ratio of the VTX-DIFFp-p of the second and following
bits after a transition divided by the VTX-DIFFp-p of the
first bit after a transition. See Note 2.
TTX-EYE
Minimum TX Eye
Width
0.70
—
—
UI
The maximum Transmitter jitter can be derived as
TTX-MAX-JITTER = 1 – TTX-EYE= 0.3 UI.
See Notes 2 and 3.
TTX-EYE-MEDIAN-to-
MAX-JITTER
Maximum time
between the jitter
median and
maximum
deviation from the
median.
—
—
0.15
UI
Jitter is defined as the measurement variation of the
crossing points (VTX-DIFFp-p = 0 V) in relation to a
recovered TX UI. A recovered TX UI is calculated over
3500 consecutive unit intervals of sample data. Jitter
is measured using all edges of the 250 consecutive UI
in the center of the 3500 UI used for calculating the TX
UI. See Notes 2 and 3.
TTX-RISE, TTX-FALL
D+/D- TX Output
Rise/Fall Time
0.125
—
—
UI
See Notes 2 and 5
VTX-CM-ACp
RMS AC Peak
Common Mode
Output Voltage
——
20
mV
VTX-CM-ACp = RMS(|VTXD+ +VTXD-|/2 – VTX-CM-DC)
VTX-CM-DC = DC(avg) of |VTX-D+ +VTX-D-|/2
See Note 2
VTX-CM-DC-ACTIVE-
IDLE-DELTA
Absolute Delta of
DC Common
Mode Voltage
During L0 and
Electrical Idle
0
—
100
mV
|VTX-CM-DC (during L0) – VTX-CM-Idle-DC (During Electrical
Idle)|<=100 mV
VTX-CM-DC = DC(avg) of |VTX-D+ +VTX-D-|/2 [L0]
VTX-CM-Idle-DC = DC(avg) of |VTX-D+ + VTX-D-|/2
[Electrical Idle]
See Note 2.
VTX-CM-DC-LINE-DELTA Absolute Delta of
DC Common
Mode between D+
and D–
0—
25
mV
|VTX-CM-DC-D+ – VTX-CM-DC-D-| <= 25 mV
VTX-CM-DC-D+ = DC(avg) of |VTX-D+|
VTX-CM-DC-D- = DC(avg) of |VTX-D-|
See Note 2.
VTX-IDLE-DIFFp
Electrical Idle
differential Peak
Output Voltage
0—
20
mV
VTX-IDLE-DIFFp = |VTX-IDLE-D+ -VTX-IDLE-D-| <= 20 mV
See Note 2.
VTX-RCV-DETECT
The amount of
voltage change
allowed during
Receiver Detection
—
—
600
mV
The total amount of voltage change that a transmitter
can apply to sense whether a low impedance
Receiver is present. See Note 6.
VTX-DC-CM
The TX DC
Common Mode
Voltage
0
—
3.6
V
The allowed DC Common Mode voltage under any
conditions. See Note 6.
ITX-SHORT
TX Short Circuit
Current Limit
—
—
90
mA
The total current the Transmitter can provide when
shorted to its ground
TTX-IDLE-MIN
Minimum time
spent in Electrical
Idle
50
—
—
UI
Minimum time a Transmitter must be in Electrical Idle
Utilized by the Receiver to start looking for an
Electrical Idle Exit after successfully receiving an
Electrical Idle ordered set
Table 71. Differential Transmitter (TX) Output Specifications (continued)
Symbol
Parameter
Min
Nom
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com