Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535BVTATH Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC8535BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535BVTATH Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC8535BVTATH Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
High-Speed Serial Interfaces
Freescale Semiconductor
96
Figure 64 shows the SerDes reference clock connection reference circuits for LVPECL type clock driver. Since LVPECL
driver’s DC levels (both common mode voltages and output swing) are incompatible with MPC8535E SerDes reference clock
input’s DC requirement, AC-coupling has to be used. Figure 64 assumes that the LVPECL clock driver’s output impedance is
50
Ω. R1 is used to DC-bias the LVPECL outputs prior to AC-coupling. Its value could be ranged from 140Ω to 240Ω depending
on clock driver vendor’s requirement. R2 is used together with the SerDes reference clock receiver’s 50-
Ω termination resistor
to attenuate the LVPECL output’s differential peak level such that it meets the MPC8535E SerDes reference clock’s differential
input amplitude requirement (between 200mV and 800mV differential peak). For example, if the LVPECL output’s differential
peak is 900mV and the desired SerDes reference clock input amplitude is selected as 600mV, the attenuation factor is 0.67,
which requires R2 = 25
Ω. Please consult clock driver chip manufacturer to verify whether this connection scheme is compatible
with a particular clock driver chip.
Figure 64. AC-Coupled Differential Connection with LVPECL Clock Driver (Reference Only)
Figure 65 shows the SerDes reference clock connection reference circuits for a single-ended clock driver. It assumes the DC
levels of the clock driver are compatible with MPC8535E SerDes reference clock input’s DC requirement.
Figure 65. Single-Ended Connection (Reference Only)
50
Ω
50
Ω
SDn_REF_CLK
SDn_REF_CLK
Clock Driver
100
Ω differential PWB trace
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
CLK_Out
LVPECL CLK
Driver Chip
R2
R2
R1
MPC8535E
R1
10nF
10 nF
50
Ω
50
Ω
SDn_REF_CLK
SDn_REF_CLK
100
Ω differential PWB trace
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
Single-Ended
CLK Driver Chip
33
Ω
Total 50
Ω. Assume clock driver’s
output impedance is about 16
Ω.
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com