Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535BVTATH Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC8535BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535BVTATH Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC8535BVTATH Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
I2C
Freescale Semiconductor
84
2.16.4
Out-of-Band (OOB) Electrical Characteristics
Table 62 provides the Out-of-Band (OOB) electrical characteristics for the SATA interface of the MPC8535E.
2.17
I2C
This section describes the DC and AC electrical characteristics for the I2C interfaces of the MPC8535E.
2.17.1
I2C DC Electrical Characteristics
Table 63 provides the DC electrical characteristics for the I
2C interfaces.
Table 62. Out-of-Band (OOB) Electrical Characteristics
Parameter
Symbol
Min
Typical
Max
Units
Notes
OOB Signal Detection Threshold
1.5G
3.0G
VSATA_OOBDETE
50
75
100
125
200
200
mVp-p
—
UI During OOB Signaling
TSATA_UIOOB
646.67
666.67
686.67
ps
—
COMINIT/ COMRESET and COMWAKE
Transmit Burst Length
TSATA_UIOOBTXB
—
160
—
UI
—
COMINIT/ COMRESET Transmit Gap Length TSATA_UIOOBTXG
ap
—
480
—
UI
—
COMWAKE Transmit Gap Length
TSATA_UIOOBTX
WakeGap
—
160
—
UI
—
COMWAKE Gap Detection Windows
TSATA_OOBDet
WakeGap
55
—
175
ns
—
COMINIT/ COMRESET
Gap Detection Windows
TSATA_OOBDet
COMGap
175
—
525
ns
—
Table 63. I2C DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage 3.3 V
OVDD
3.13
3.47
V
—
Input high voltage level
VIH
0.7
× OVDD
OVDD +0.3
V
—
Input low voltage level
VIL
–0.3
0.3
× OVDD
V—
Low level output voltage
VOL
00.2
× OVDD
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com