Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535BVTATH Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC8535BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535BVTATH Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC8535BVTATH Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Pin Map
Freescale Semiconductor
16
General-Purpose Input/Output
GPIO[0:1]/PCI1_REQ[3:4]
GPIO/PCI request
Y15,AE15
I/O
OVDD
—
GPIO[2:3]/PCI1_GNT[3:4]
GPIO/PCI grant
AA15,AC14
I/O
OVDD
—
GPIO[4]/SDHC_CD
GPIO/SDHC card detection
AH11
I/O
OVDD
—
GPIO[5]/SDHC_WP
GPIO/SDHC write protection
AG10
I/O
OVDD
32
GPIO[6]/USB1_PCTL0
GPIO/USB1 PCTL0
AC3
I/O
OVDD
—
GPIO[7]/USB1_PCTL1
GPIO/USB1 PCTL1
AC4
I/O
OVDD
—
GPIO[8]/USB2_PCTL0
GPIO/USB2 PCTL0
AG9
I/O
OVDD
—
GPIO[9]/USB2_PCTL1
GPIO/USB2 PCTL1
AC9
I/O
OVDD
—
GPIO[10:11]
/DMA_DACK[0:1]
GPIO/DMA Ack
AD6,AE10
I/O
OVDD
—
GPIO[12:13]
/DMA_DDONE[0:1]
GPIO/DMA done
AA11,AB11
I/O
OVDD
—
GPIO[14:15]
/DMA_DREQ[0:1]
GPIO/DMA request
AB10,AD11
I/O
OVDD
—
System Control
HRESET
Hard reset
AG16
I
OVDD
—
HRESET_REQ
Hard reset - request
AG15
O
OVDD
22
SRESET
Soft reset
AG19
I
OVDD
—
CKSTP_IN
CheckStop in
AG18
I
OVDD
—
CKSTP_OUT
CheckStop Output
AH17
O
OVDD
2,4
Debug
TRIG_IN
Trigger in
W19
I
OVDD
—
TRIG_OUT/READY
/QUIESCE
Trigger out/Ready/Quiesce
V19
O
OVDD
22
MSRCID[0:1]
Memory debug source port ID W12,W13
O
OVDD
6,9
MSRCID[2:4]
Memory debug source port ID V12, W14,W11
O
OVDD
6,9,22
MDVAL
Memory debug data valid
V13
O
OVDD
6,22
CLK_OUT
Clock Out
W15
O
OVDD
11
Clock
RTC
Real time clock
AF15
I
OVDD
—
SYSCLK
System clock / PCI clock
AH14
I
OVDD
—
DDRCLK
DDR clock
AC13
I
OVDD
30
JTAG
Table 1. MPC8535E Pinout Listing
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com