Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535BVTATH Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # MPC8535BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535BVTATH Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button MPC8535BVTATH Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 126 page
background image
Thermal
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
109
2.23.6
Frequency Options
2.23.6.1
SYSCLK to Platform Frequency Options
Table 78 shows the expected frequency values for the platform frequency when using a CCB clock to SYSCLK ratio in
comparison to the memory bus clock speed.
2.24
Thermal
This section describes the thermal specifications of the MPC8535E.
2.24.1
Thermal Characteristics
Table 79 provides the package thermal characteristics.
Table 78. Frequency Options of SYSCLK with Respect to Memory Bus Speeds
CCB to
SYSCLK Ratio
SYSCLK (MHz)
33.33
41.66
66.66
83
100
111
133.33
Platform /CCB Frequency (MHz)
3
333
400
4
333
400
444
5
333
415
500
6
400
500
8
333
10
333
417
12
400
500
Table 79. Package Thermal Characteristics
Characteristic
JEDEC Board
Symbol
Value
Unit
Notes
Junction-to-ambient Natural Convection
Single layer board (1s)
RθJA
23
°C/W
1, 2
Junction-to-ambient Natural Convection
Four layer board (2s2p)
RθJA
18
°C/W
1, 2
Junction-to-ambient (@200 ft/min)
Single layer board (1s)
RθJA
18
°C/W
1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com