Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535BVTATH Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # MPC8535BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535BVTATH Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button MPC8535BVTATH Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 126 page
background image
Guidelines for High-Speed Interface Termination
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
119
Figure 79. COP Connector Physical Pinout
3.11
Guidelines for High-Speed Interface Termination
3.11.1
SerDes1 Interface Entirely Unused
If the high-speed SerDes interface is not used at all, the unused pin should be terminated as described in this section. However,
the SerDes must always have power applied to its supply pins. There are several reserved pins that need to be either left floating
or connected to XGND. See SerDes1 in Table 1Table 1 for details.
The following pins must be left unconnected (float):
•
SD1_TX[7:4]
•
SD1_TX[7:4]
•
Reserved pins T22, T23
The following pins must be connected to XGND:
•
SD1_RX[7:4]
•
SD1_RX[7:4]
•
SD1_REF_CLK
•
SD1_REF_CLK
The POR configuration pin cfg_io_ports[0:2] on TSEC3_TXD[6:3] can be used to power down SerDes 1 block for power
saving. Note that both SVDD and XVDD must remain powered.
3.11.2
SerDes 1 Interface Partly Unused
If only part of the high speed SerDes interface pins are used, the remaining high-speed serial I/O pins should be terminated as
described in this section.
The following pins must be left unconnected (float) if not used:
•
SD1_TX[7:4]
•
SD1_TX[7:4]
•
Reserved pins: T22, T23
3
13
9
5
1
6
10
15
11
7
16
12
8
4
KEY
No pin
1
2
COP_TDO
COP_TDI
NC
NC
COP_TRST
COP_VDD_SENSE
COP_CHKSTP_IN
NC
NC
GND
COP_TCK
COP_TMS
COP_SRESET
COP_HRESET
COP_CHKSTP_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com