Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024S Datasheet(PDF) 27 Page - Sitronix Technology Co., Ltd.

Part # ST8024S
Description  COM/SEG LCD Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024S Datasheet(HTML) 27 Page - Sitronix Technology Co., Ltd.

Back Button ST8024S Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 27Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
ST8024S
Ver 0.39
Page 27/27
2008/05/05
14.
REVISION
REVISION
DESCRIPTION
PAGE
DATE
0.10
First release
1-25
2005/9/12
0.20
Add LGND definition, and re-define the pin function
1-25
2005/11/22
0.30
Modify suggestion resistor value for V0.
Add alignment mark data, Add LCD Panel Layout Example
Modify bond pad height to 18um
21
2006/5/22
0.31
Modify bump pad height to 15um and add wafer thickness.
24
2006/6/7
0.32
Modify all Vss for logic setting pins to LGND
1-25
2006/7/21
0.33
Modify description of LGND
6-8
2006/7/21
0.34
Change Sitronix logo and modify description of LGND for
COM mode
1-25
2006/7/21
0.35
Modify pad define and size for pad No.6 and No.38.
21-24
2006/7/24
0.36
Modify Chip size and thickness with scribe line
Modify “ Output resistance” test condition
16,22,24
2006/10/26
0.37
Modify V0 Max. voltage in “ RECOMMENDED OPERATING
CONDITIONS” and “ ABSOLUTE MAXIMUM RATINGS”
Modify the Max. V0 voltage to 40V for test condition
Modify V0 Max. voltage in feature
2,15-18
2007/1/3
0.38
Modify all the data about absolute max voltage and recommend max
voltage
2,16-18
2007/5/25
0.39
Modify the ITO resistor value suggestion
Add application note
21,26
2008/5/05
The above information is the exclusive intellectual property of Sitronix Technology Corp. and shall not be disclosed, distributed or reproduced without
permission from Sitronix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com