Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024S Datasheet(PDF) 5 Page - Sitronix Technology Co., Ltd.

Part # ST8024S
Description  COM/SEG LCD Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024S Datasheet(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST8024S Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ST8024S
Ver 0.39
Page 5/27
2008/05/05
V DD
I/O
To Internal
Circuit
GND (0V)
GND (0V)
Control Signal
GND (0V)
VDD
Output Signal
Control Signal
Application Pins
EIO1 , EIO2
Figure 3 Input/Output Circuit
O
GND (0V)
V0
Control Signal 1
Control Signal 3
Control Signal 2
Control Signal 4
V0
V12
V43
VSS
GND (0V)
Application Pins
Y1~Y160
Figure 4 LCD Drive Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com