Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024S Datasheet(PDF) 16 Page - Sitronix Technology Co., Ltd.

Part # ST8024S
Description  COM/SEG LCD Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024S Datasheet(HTML) 16 Page - Sitronix Technology Co., Ltd.

Back Button ST8024S Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 20Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
ST8024S
Ver 0.39
Page 16/27
2008/05/05
10.
ELECTRICAL CHARACTERISTICS
10.1
DC Characteristics
(Segment Mode) (LGND=VSS = GND = 0V, VDD = +2.5 to +5.5V, V0 = +15.0 to +30.0V, TOPR = -25 to +85°C)
PARAMETER
SYMBOL CONDITIONS APPLICABLE PINS
MIN.
TYP.
MAX. UNIT NOTE
Input "Low" voltage
VIL
0.2VDD
V
Input "High" voltage
VIH
DI7-DI0, XCK, LP, L/R
FR, MD, S/C, EIO1,
EIO2, /DISPOFF
0.8VDD
VDD+0.8
V
Output "Low" voltage
VOL
IOL = +0.4 mA
+0.4
V
Output "High" voltage
VOH
IOH = -0.4 mA
EIO1, EIO2
VDD-0.4
V
ILIL
VI = LGND
-10.0
μ A
Input leakage current
ILIH
VI = VDD
DI7-DI0, XCK, LP, L/R
FR, MD, S/C, EIO1,
EIO2, /DISPOFF
+ 10.0
μ A
V0=30V
1.5
2.0
Output resistance
RON
|∆ VON|
=0.5V V0=20V
Y1-Y240
2.0
2.5
kΩ
Standby current
ISTB
LGND
75.0
μ A
1
Supply current (1)
(Non-selection)
IDD1
VDD
2.0
mA
2
Supply current (2)
(Selection)
IDD2
VDD
12.0
mA
3
Supply current (3)
I0
V0L, V0R
1.5
mA
4
NOTES:
1. VDD = +5.0 V, V0 = +30.0 V, Vi = LGND.
2. VDD = +5.0 V, V0 = +30.0 V, fXCK = 20 MHz, no-load, El = VDD. The input data is turned over by data taking
clock (4-bit parallel input mode).
3. VDD = +5.0 V, V0 = +30.0 V, fXCK = 20 MHz, no-load, El = LGND. The input data is turned over by data
taking clock (4-bit parallel input mode).
4. VDD = +5.0 V, V0 = +30.0 V, fXCK = 20MHz, fLP = 41.6 kHz, fFR = 80 Hz, no-load. The input data is turned
over by data taking clock (4-bit parallel input mode).
(Common Mode) (LGND=VSS = GND = 0V, VDD = +2.5 to +5.5V, V0 = +15.0 to +30.0V, TOPR = -25 to +85°C)
PARAMETER
SYMBOL CONDITIONS APPLICABLE PINS
MIN. TYP. MAX. UNIT NOTE
Input "Low" voltage
VIL
0.2VDD
V
Input "High" voltage
VIH
DI7-DI0, XCK, LP, L/R
FR, MD, S/C, EIO1,
EIO2, /DISPOFF
0.8VDD
VDD+0.8
V
Output "Low" voltage
VOL
IOL = +0.4 mA
+0.4
V
Output "High" voltage
VOH
IOH = -0.4 mA
EIO1, EIO2
VDD-0.4
V
ILIL
VI = LGND
DI7-DI0, XCK, LP, L/R
FR, MD, S/C, EIO1,
EIO2, /DISPOFF
-10.0
μ A
Input leakage current
ILIH
VI = VDD
DI6-DI0, LP, L/R, FR,
MD, S/C, /DISPOFF
+10.0
μ A
Input pull-down current
IPD
VI = VDD
DI7, XCK, EIO1, EIO2
100.0
μ A
V0=30V
1.5
2.0
Output resistance
RON
|∆ VON|
=0.5V V0=20V
Y1-Y240
2.0
2.5
kΩ
Standby current
ISPD
LGND
75.0
μ A
1
Supply current (1)
IDD
VDD
120.0
μ A
2
Supply current (2)
I0
V0L, V0R
240.0
μ A
2
NOTES:
1. VDD = +5.0 V, V0 = +30.0 V, VI = LGND
2. VDD = +5.0 V, V0 = +30.0 V, fLP = 41.6 kHz, fFR = 80 Hz, 1/480 duty operation, no-load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com