Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024S Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST8024S
Description  COM/SEG LCD Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024S Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST8024S Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
ST8024S
Ver 0.39
Page 17/27
2008/05/05
10.2
AC Characteristics
(Segment Mode 1) (LGND=VSS = GND = 0V, VDD = +5.0± 0.5V, V0 = +15.0 to +30.0V, TOPR = -25 to +85 °C)
PARAMETER
SYMBOL CONDITIONS
MIN
TYP.
MAX.
UNIT
NOTE
Shift clock period
tWCK
tR,tF ≤ 10ns
50
ns
1
Shift clock "H" pulse width
tWCKH
15
ns
Shift clock "L" pulse width
tWCKL
15
ns
Data setup time
tDS
10
ns
Data hold time
tDH
12
ns
Latch pulse "H" pulse width
tWLPH
15
ns
Shift clock rise to latch pulse rise time
tLD
0
ns
Shift clock fall to latch pulse fall time
tSL
30
ns
Latch pulse rise to shift clock rise time
tLS
25
ns
Latch pulse fall to shift clock fall time
tLH
25
ns
Enable setup time
tS
10
ns
Input signal rise time
tR
50
ns
2
Input signal fall time
tF
50
ns
2
/DISPOFF removal time
tSD
100
ns
/DISPOFF "L" pulse width
tWDL
1.2
µ s
Output delay time (1)
tD
CL = 15 pF
30
ns
Output delay time (2)
tPD1, tPD2
CL = 15 pF
1.2
µ s
Output delay time (3)
tPD3
CL = 15 pF
1.2
µ s
NOTES:
1. Takes the cascade connection into consideration.
2. (tWCK - tWCKH - tWCKL)/2 is maximum in the case of high speed operation.
(Segment Mode 2) (LGND=VSS = GND = 0V, VDD = +3.0 to +4.5V, V0 = +15.0 to +30.0V, TOPR = -25 to +85°C)
PARAMETER
SYMBOL CONDITIONS
MIN.
TYP.
MAX.
UNIT
NOTE
Shift clock period
tWCK
tR,tF ≤ 10ns
66
ns
1
Shift clock "H" pulse width
tWCKH
23
ns
Shift clock "L” pulse width
tWCKL
23
ns
Data setup time
tDS
15
ns
Data hold time
tDH
23
ns
Latch pulse "H" pulse width
tWLPH
30
ns
Shift clock rise to latch pulse rise time
tLD
0
ns
Shift clock fall to latch pulse fall time
tSL
50
ns
Latch pulse rise to shift clock rise time
tLS
30
ns
Latch pulse fall to shift clock fall time
tLH
30
ns
Enable setup time
tS
15
ns
Input signal rise time
tR
50
ns
2
Input signal fall time
tF
50
ns
2
/DISPOFF removal time
tSD
100
ns
/DISPOFF "L" pulse width
tWDL
1.2
µ s
Output delay time (1)
tD
CL = 15 pF
41
ns
Output delay time (2)
tPD1, tPD2
CL = 15 pF
1.2
µ s
Output delay time (3)
tPD3
CL = 15 pF
1.2
µ s
NOTES:
1. Takes the cascade connection into consideration.
2. (tWCK - tWCKH - tWCKL)/2 is maximum in the case of high speed operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com