Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024S Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST8024S
Description  COM/SEG LCD Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024S Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST8024S Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ST8024S
Ver 0.39
Page 21/27
2008/05/05
11.
APPLICATION CIRCUIT
11.1
Application Circuit for Module
11.2
LCD Panel Layout Example
Pin Name
ITO Resistor Values
LGND, GND, VDD, Vss
Less than 75Ω when VDD ≧ 3.0V, and the smaller the better
V0R, V0L
Less than 150Ω, and the smaller the better
V12R, V12L, V34R, V12L
Less than 250Ω, and the smaller the better
PS : Above resistor value test on 3” LCD panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com