Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024S Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST8024S
Description  COM/SEG LCD Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024S Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST8024S Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ST8024S
Ver 0.39
Page 2/27
2008/05/05
1.
FEATURES
n
Number of LCD drive outputs: 240
n
Supply voltage for LCD drive: +15.0 to +30.0 V
n
Supply voltage for the logic system: +2.5 to +5.5 V
n
Low power consumption
n
Low output impedance
(Segment mode)
n
Shift clock frequency
Ø
20MHz(MAX.):VDD = +5.0 ± 0.5 V
Ø
15MHz(MAX.):VDD = +3.0 to + 4.5 V
Ø
12MHz(MAX.):VDD = +2.5 to + 3.0 V
n
Adopts a data bus system
n
4-bit/8-bit parallel input modes are
selectable with a mode (MD) pin
n
Automatic transfer function of an
enable signal
n
Automatic counting function which, in
the chip selection mode, causes the
internal clock to be stopped by
automatically counting 240 bits of
input data
n
Line latch circuits are reset when
/DISPOFF active
(Common mode)
n
Shift clock frequency: 4 MHz (MAX.)
n
Built-in 240-bit bi-directional shift
register (divisible into 120 bits x 2)
n
Available in a single mode (240-bit
shift register) or in a dual mode
(120-bit shift register x 2)
Ø
Y1->Y240 Single mode
Ø
Y240->Y1 Single mode
Ø
Y1->Yl20, Y121->Y240 Dual mode
Ø
Y240->Y121, Yl20->Y1 Dual mode
The above 4 shift directions are
in-selectable
n
Shift register circuits are reset when
/DISPOFF active
2.
DESCRIPTION
The ST8024S is a 240-output segment/common driver IC suitable for driving large/medium scale
dot matrix LCD panels, and is used in personal computers/work stations. The ST8024S is good
both as a segment driver and a common driver, and it can create a low power consuming,
high-resolution LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com