Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024S Datasheet(PDF) 15 Page - Sitronix Technology Co., Ltd.

Part # ST8024S
Description  COM/SEG LCD Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024S Datasheet(HTML) 15 Page - Sitronix Technology Co., Ltd.

Back Button ST8024S Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST8024S Datasheet HTML 19Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
ST8024S
Ver 0.39
Page 15/27
2008/05/05
8.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
APPLICABLE PINS
RATING
UNIT
NOTE
Supply voltage (1)
VDD
VDD
-0.3 to +7.0
V
V0
V0L, V0R
-0.3 to +33.0
V
V12
V12L, V12R
-0.3 to V0 + 0.3
V
V43
V43L, V43R
-0.3 to V0 + 0.3
V
Supply voltage (2)
VSS
VSS
-0.3 toV0+0.3
V
Input voltage
VI
DI7-DI0, XCK, LP, L/R, FR,
MD, S/C, EIO1, EIO2,
/DISPOFF
-0.3 to VDD + 0.3
V
1,2
Storage temperature
TSTG
-45 to +125
°C
NOTES:
1. TA = +25 °C
2. The applicable voltage on logic pins with respect to LGND, high voltage pins with VSS (0 V).
3. Stress over the “ Absolute Max. Ratings” conditions will damage the device permanently.
9.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
APPLICABLE PINS
MIN.
TYP.
MAX.
UNIT NOTE
Supply voltage (1)
VDD
VDD
+2.5
+5.5
V
Supply voltage (2)
V0
V0L, V0R
+15.0
+30.0
V
1, 2
Operating temperature
TOPR
-25
+85
°C
NOTES:
1. The applicable voltage on logic pins with respect to LGND, high voltage pins with VSS (0 V).
2. Ensure that voltages are set such that VSS < V43 < Vl2 < V0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com