Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1976 Datasheet(PDF) 7 Page - ams AG

Part # AS1976
Description  Ultra-Low Current, 1.8V Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1976 Datasheet(HTML) 7 Page - ams AG

Back Button AS1976 Datasheet HTML 3Page - ams AG AS1976 Datasheet HTML 4Page - ams AG AS1976 Datasheet HTML 5Page - ams AG AS1976 Datasheet HTML 6Page - ams AG AS1976 Datasheet HTML 7Page - ams AG AS1976 Datasheet HTML 8Page - ams AG AS1976 Datasheet HTML 9Page - ams AG AS1976 Datasheet HTML 10Page - ams AG AS1976 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
7 - 17
AS1976/AS1977
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. VOH vs. ISOURCE and Temperature
Figure 10. Short Circuit Sink Current vs. Temperature
Figure 11. Short Circuit Source Current vs. Temperature
Figure 12. tPD+ vs. Temperature
Figure 13. tPD- vs. Temperature
Figure 14. tPD- vs. Capacitive Load
0
0.2
0.4
0.6
0.8
0
5
10
15
20
Source Current (mA)
+25ºC
-40ºC
+85ºC
0
25
50
75
100
-40
-15
10
35
60
85
Temperature (°C)
VCC = 5V
VCC = 1.8V
VCC = 3V
0
5
10
15
20
25
-40
-15
10
35
60
85
Temperature (°C)
0
20
40
60
80
-40
-15
10
35
60
85
Temperature (°C)
VCC = 5V
VCC = 1.8V
VCC = 3V
VCC = 5V
VCC = 1.8V
VCC = 3V
0
25
50
75
100
125
150
0.01
0.1
1
10
100
1000
Capacitive Load (nF)
VCC = 5V
VCC = 1.8V
VCC = 3V
0
4
8
12
16
20
-40
-15
10
35
60
85
Temperature (°C)
VCC = 5V
VCC = 1.8V
VCC = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com