Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1976 Datasheet(PDF) 4 Page - ams AG

Part # AS1976
Description  Ultra-Low Current, 1.8V Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1976 Datasheet(HTML) 4 Page - ams AG

  AS1976 Datasheet HTML 1Page - ams AG AS1976 Datasheet HTML 2Page - ams AG AS1976 Datasheet HTML 3Page - ams AG AS1976 Datasheet HTML 4Page - ams AG AS1976 Datasheet HTML 5Page - ams AG AS1976 Datasheet HTML 6Page - ams AG AS1976 Datasheet HTML 7Page - ams AG AS1976 Datasheet HTML 8Page - ams AG AS1976 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
4 - 17
AS1976/AS1977
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VCC = +5V, VEE = 0, VCM = 0, TAMB = -40 to +85ºC (unless otherwise specified). Typ values are at TAMB = +25ºC.
Table 4. AS1976/AS1977 Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Supply Voltage Range
Inferred from the PSRR test
1.8
5.5
V
ICC
Supply Current
VCC = 1.8V
0.2
µA
VCC = 5V, TAMB = +25ºC
0.21
0.5
VCC = 5V, TAMB = TMIN to TMAX
0.9
VCM
Input Common-Mode
Voltage Range
Inferred from CMRR test
VEE
- 0.2
VCC
+ 0.2
V
VOS
Input Offset Voltage
-0.2V
≤ VCM ≤ (VCC + 0.2V),
TAMB = +25ºC
1
15
mV
-0.2V
≤ VCM ≤ (VCC + 0.2V),
TAMB = TMIN to TMAX
10
VHB
Input-Referred
Hysteresis
-0.2V
≤ VCM ≤ (VCC + 0.2V)
2
3mV
IB
Input Bias Current
3
TAMB = +25ºC
0.15
1
nA
TAMB = TMIN to TMAX
2
IOS
Input Offset Current
10
pA
PSRR
Power-Supply
Rejection Ratio
VCC = 1.8 to 5.5V, TAMB = +25ºC
0.05
1
mV/V
CMRR
Common-Mode
Rejection Ratio
(VEE - 0.2V)
≤ VCM ≤ (VCC + 0.2V),
TAMB = +25ºC
0.2
3
mV/V
VCC - VOH
Output Voltage Swing
High
TAMB = +25ºC,
AS1976 only VCC = 5.5V, ISINK = 8mA
220
500
mV
TAMB = TMIN to TMAX,
AS1976 only VCC = 5.5V, ISINK = 8mA
650
TAMB = +25ºC
AS1976 only VCC = 1.8V, ISOURCE = 1mA
80
200
TAMB = TMIN to TMAX,
AS1976 only VCC = 1.8V, ISOURCE = 1mA
300
VOL
Output Voltage Swing
Low
TAMB = +25ºC,
AS1976 only VCC = 5.5V, ISINK = 8mA
220
500
mV
TAMB = TMIN to TMAX,
AS1976 only VCC = 5.5V, ISINK = 8mA
650
TAMB = +25ºC,
VCC = 1.8V, ISOURCE = 1mA
70
200
TAMB = TMIN to TMAX,
VCC = 1.8V, ISOURCE = 1mA
300
ILEAK
Output Leakage
Current
AS1977 only, VOUT = 5.5V
0.001
1
µA
ISC
Output Short-Circuit
Current
Sourcing, VOUT = VEE, VCC = 5.5V
50
mA
Sourcing, VOUT = VEE, VCC = 1.8V
6
Sinking, VOUT = VCC, VCC = 5.5V
70
Sinking, VOUT = VCC, VCC = 1.8V
5
tPD-
High-to-Low
Propagation Delay
4
VCC = 1.8V
10
µs
VCC = 5.5V
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com