Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1976 Datasheet(PDF) 5 Page - ams AG

Part # AS1976
Description  Ultra-Low Current, 1.8V Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1976 Datasheet(HTML) 5 Page - ams AG

  AS1976 Datasheet HTML 1Page - ams AG AS1976 Datasheet HTML 2Page - ams AG AS1976 Datasheet HTML 3Page - ams AG AS1976 Datasheet HTML 4Page - ams AG AS1976 Datasheet HTML 5Page - ams AG AS1976 Datasheet HTML 6Page - ams AG AS1976 Datasheet HTML 7Page - ams AG AS1976 Datasheet HTML 8Page - ams AG AS1976 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
5 - 17
AS1976/AS1977
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
tPD+
Low-to-High
Propagation Delay
4
AS1976 only, VCC = 1.8V
13
µs
AS1976 only, VCC = 5.5V
15
AS1977 only, VCC = 1.8V, RPULUP = 100k
Ω
16
AS1977 only, VCC = 3.6V, RPULUP = 100k
Ω
18
tRISE
Rise Time
AS1976 only, CLOAD = 15pF
10
ns
tFALL
Fall Time
CLOAD = 15pF
10
ns
tON
Power-Up Time
100
ns
1. VOS is defined as the center of the hysteresis band at the input.
2. The hysteresis-related trip points are defined as the edges of the hysteresis band, measured with respect to the
center of the band (i.e., VOS) (see Figure 26 on page 11).
3. Guaranteed by design.
4. Specified with an input overdrive voltage (VOVERDRIVE) = 100mV, and load capacitance (CLOAD) = 15pF. VOVER-
DRIVE
is defined above and beyond the offset voltage and hysteresis of the comparator input. A reference volt-
age error should also be added.
Table 4. AS1976/AS1977 Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com