Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1976 Datasheet(PDF) 6 Page - ams AG

Part # AS1976
Description  Ultra-Low Current, 1.8V Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1976 Datasheet(HTML) 6 Page - ams AG

Back Button AS1976 Datasheet HTML 2Page - ams AG AS1976 Datasheet HTML 3Page - ams AG AS1976 Datasheet HTML 4Page - ams AG AS1976 Datasheet HTML 5Page - ams AG AS1976 Datasheet HTML 6Page - ams AG AS1976 Datasheet HTML 7Page - ams AG AS1976 Datasheet HTML 8Page - ams AG AS1976 Datasheet HTML 9Page - ams AG AS1976 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
6 - 17
AS1976/AS1977
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
Figure 3. ICC vs. VCC and Temperature
Figure 4. ICC vs. Temperature
Figure 5. ICC vs. Output Transition Frequency
Figure 6. VOL vs. ISINK
Figure 7. VOL vs. ISINK and Temperature
Figure 8. VOH vs. ISOURCE
150
175
200
225
250
275
300
-40
-15
10
35
60
85
Temperature (°C)
0
100
200
300
400
500
1.5
2.5
3.5
4.5
5.5
Supply Voltage (V)
+25ºC
+85ºC
-40ºC
VCC = 5V
VCC = 1.8V
VCC = 3V
0
10
20
30
40
50
1
10
100
1000
10000 100000
Output Transition Frequency (Hz)
VCC = 5V
VCC = 1.8V
VCC = 3V
0
100
200
300
400
500
600
2
4
6
8
10
12
14
16
Sink Current (mA)
VCC = 5V
VCC = 1.8V
VCC = 3V
0
0.2
0.4
0.6
0.8
0
5
10
15
20
Source Current (mA)
VCC = 5V
VCC = 1.8V
VCC = 3V
0
100
200
300
400
500
600
2
4
6
8
10
12
14
16
Sink Current (mA)
+25ºC
+85ºC
-40ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com