Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1976 Datasheet(PDF) 11 Page - ams AG

Part # AS1976
Description  Ultra-Low Current, 1.8V Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1976 Datasheet(HTML) 11 Page - ams AG

Back Button AS1976 Datasheet HTML 7Page - ams AG AS1976 Datasheet HTML 8Page - ams AG AS1976 Datasheet HTML 9Page - ams AG AS1976 Datasheet HTML 10Page - ams AG AS1976 Datasheet HTML 11Page - ams AG AS1976 Datasheet HTML 12Page - ams AG AS1976 Datasheet HTML 13Page - ams AG AS1976 Datasheet HTML 14Page - ams AG AS1976 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
11 - 17
AS1976/AS1977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
The AS1976/AS1977 comparators are perfect for use with all 2-cell battery-powered applications. Figure 25 shows a
typical application for the AS1977.
Figure 25. AS1977 Typical Application Circuit
Internal Hysteresis
The comparators were designed with 3mV of internal hysteresis to neutralize the effects of parasitic feedback, i.e., to
prevent unwanted rapid changes between the two output states.
The internal hysteresis in the AS1976/AS1977 creates two trip points:
!
Rising Input Voltage (VTHR) – The comparator switches its output from low to high as VIN rises above this trip point.
!
Falling Input Voltage (VTHF) – The comparator switches its output from high to low as VIN falls below this trip point.
The area between the trip points is the hysteresis band (VHB) (see Figure 26). When the AS1976/AS1977 input volt-
ages are equivalent, the hysteresis effectively causes one input to move quickly past the other, thus taking the input
out of the region where oscillation occurs. In Figure 26 IN- has a fixed voltage applied and IN+ is varied.
Note:
If the inputs are reversed the output will be inverted.
Figure 26. Threshold Hysteresis Band
AS1977
RPULLUP
VIN
4
IN-
1
OUT
5
VCC
2
VEE
3
IN+
IN+
OUT
VTHR
VTHF
IN-
Thresholds
Hysteresis
Band
VHB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com