Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1976 Datasheet(PDF) 14 Page - ams AG

Part # AS1976
Description  Ultra-Low Current, 1.8V Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1976 Datasheet(HTML) 14 Page - ams AG

Back Button AS1976 Datasheet HTML 9Page - ams AG AS1976 Datasheet HTML 10Page - ams AG AS1976 Datasheet HTML 11Page - ams AG AS1976 Datasheet HTML 12Page - ams AG AS1976 Datasheet HTML 13Page - ams AG AS1976 Datasheet HTML 14Page - ams AG AS1976 Datasheet HTML 15Page - ams AG AS1976 Datasheet HTML 16Page - ams AG AS1976 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
14 - 17
AS1976/AS1977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Logic-Level Translation
The AS1977 can be used as a 5V-to-3V logic translator. Figure 30 shows an application that converts 5V- to 3V-logic
levels, and provides the full 5V logic-swing without creating overvoltage on the 3V logic inputs.
Note:
When the comparator is powered by a 5V supply, RPULUP for the open-drain output should be connected to the
+3V supply voltage.
For 3V-to-5V logic-level translations, connect the +3V supply voltage to VCC and the +5V supply voltage to RPULUP.
Figure 30. AS1977 Logic-Level Translation Circuit
Layout Considerations
The AS1976/AS1977 requires proper layout and design techniques for optimum performance.
!
Power-supply bypass capacitors are not typically required, although 100nF bypass capacitors should be placed
close to the AS1976/AS1977 supply pins when supply impedance is high, leads are long, or for excessive noise on
the supply lines.
!
Minimize signal trace lengths to reduce stray capacitance.
!
A ground plane should be used.
!
Surface-mount components should be used whenever practical.
AS1977
RPullup
+5/+3V
Logic Out
+3/+5V
+5/+3V
Logic In
100k
Ω
100k
Ω
+3/+5V
Logic-Level Translator
5
VCC
3
IN+
1
OUT
2
VEE
4
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com