Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1976 Datasheet(PDF) 13 Page - ams AG

Part # AS1976
Description  Ultra-Low Current, 1.8V Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1976 Datasheet(HTML) 13 Page - ams AG

Back Button AS1976 Datasheet HTML 9Page - ams AG AS1976 Datasheet HTML 10Page - ams AG AS1976 Datasheet HTML 11Page - ams AG AS1976 Datasheet HTML 12Page - ams AG AS1976 Datasheet HTML 13Page - ams AG AS1976 Datasheet HTML 14Page - ams AG AS1976 Datasheet HTML 15Page - ams AG AS1976 Datasheet HTML 16Page - ams AG AS1976 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
13 - 17
AS1976/AS1977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Additional Hysteresis (AS1977)
Additional hysteresis can be added to the AS1977 and AS1979 with 4 resistors and positive feedback (see Figure 28).
Figure 28. AS1977 Additional Hysteresis
Resistor Selection Example
For the circuit shown in Figure 28, use the following steps to calculate values for R1, R2, R3, and R4.
1. Select R3 according to one of these formulas:
R3 = VREF/1µA
(EQ 9)
R3 = (VCC - VREF)/1µA - R4
(EQ 10)
Use the smaller of the two resulting resistor values for R3.
2. Choose the hysteresis band required (VHB).
3. Calculate R1 as:
R1 = (R3 + R4)(VHB/VCC)
(EQ 11)
4. Choose the trip point for VIN rising (VTHR).
5. Calculate R2 as:
R2 = 1/[VTHR/(VREF x R1) - (1/R1) - 1/R3](EQ 12)
6. Verify the trip voltages and hysteresis as:
VIN rising: VTHR = VREF[R1(1/R1 + 1/R2 + 1/R3)]
(EQ 13)
VIN falling: VTHF = VREF[R1(1/R1 + 1/R2 + 1/(R3+R4))] - [1/(R3+R4)]VCC
(EQ 14)
Hysteresis = VTHR - VTHF
(EQ 15)
Zero-Crossing Detector
Figure 29 shows the AS1976 in a zero-crossing detector circuit. The inverting input (IN-) is connected to ground, and
the non-inverting input (IN+) is connected to a 100mVp-p signal source. When the signal at IN- crosses 0V, the signal
at OUT changes states.
Figure 29. Zero Crossing Detector
+
R3
VEE
VCC
–
VCC
R2
R4
R1
VREF
VIN
OUT
–
+
100mVp-p
–
+
AS1976
5
VCC
3
IN+
1
OUT
2
VEE
4
IN-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com