Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8500 Datasheet(PDF) 7 Page - ams AG

Part # AS8500
Description  Universal multi pupose data aquisition system
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8500 Datasheet(HTML) 7 Page - ams AG

Back Button AS8500 Datasheet HTML 3Page - ams AG AS8500 Datasheet HTML 4Page - ams AG AS8500 Datasheet HTML 5Page - ams AG AS8500 Datasheet HTML 6Page - ams AG AS8500 Datasheet HTML 7Page - ams AG AS8500 Datasheet HTML 8Page - ams AG AS8500 Datasheet HTML 9Page - ams AG AS8500 Datasheet HTML 10Page - ams AG AS8500 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
AS8500 - Data Sheet
austriamicrosystems
Revision 1.2, 08-Junel-06
www.austriamicrosystems.com
Page 7 of 41
Electrical characteristics (continued)
VDDA=5V +/-0.1 V, fclk=8.192 MHz, chopping ratio MM=4 (see 7.5.3), oversampling frequency=2.048 MHz, oversampling ratio =128
temperature range : -40 to 125°C if not otherwise noted
symbol
parameter
conditions
min
typ
max
units
data conversion
RES
resolution
all channels
16
bits
1) 2)
Vref
reference voltage
room temperature
1.21
V
Vref_TC
temperature coefficient of Vref
0-85°C,box
method
20
ppm/K
3)
Vref_Ri
internal resistance of Vref
Rload > 50 kOhm
200
Ohm
fovs
clock frequency
4.096
MHz
R1
oversamplig ratio
64
128
MM
conversions during chopper cycle
4
8
BW
bandwidth
7.8
1000
16000
Hz
av
internal averaging
1
4
1024
cycles
fclk
external clock frequency
0.05
8.192
10
MHz
4)
CLK_extdiv
clock division factor
2
4
DR_clk
duty ratio of external clock
50
%
int_fclk
internal clock frequency
180
250
330
kHz
analog inputs
RSHH, VBAT, ETS, ETS
Rin
input resistance
Ue < 150 mV
50
100
MOhm
Cin
input capacitance at gain 24
8
15
30
pF
internal temperature sensor
T_out20
output at 23°C
G 6, typical
23 000
digits
T_sl
slope
-20 to 100°C
75
digits/degC
current source
output to RSHH, RSHL
Icurr_rshh
2
µA
Notes:
1)
with external averaging the resolution can be increased up to 21 bits with an effective sampling rate below 10 Hz
2
) the system works in overflow condition without degradation of accuracy up to 1.4 * range width.
This means that the overflow bit can work as bit no.17 in this range.
3)
TC- value of the reference voltage may be set through trimm bits intentionally higher to minimize TC of the entire measurement path for gain 24
4)
in the temperature range 0 - 85°C the clock frequency can be increased to 12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com