Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8500 Datasheet(PDF) 13 Page - ams AG

Part # AS8500
Description  Universal multi pupose data aquisition system
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8500 Datasheet(HTML) 13 Page - ams AG

Back Button AS8500 Datasheet HTML 9Page - ams AG AS8500 Datasheet HTML 10Page - ams AG AS8500 Datasheet HTML 11Page - ams AG AS8500 Datasheet HTML 12Page - ams AG AS8500 Datasheet HTML 13Page - ams AG AS8500 Datasheet HTML 14Page - ams AG AS8500 Datasheet HTML 15Page - ams AG AS8500 Datasheet HTML 16Page - ams AG AS8500 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
AS8500 - Data Sheet
austriamicrosystems
Revision 1.2, 08-Junel-06
www.austriamicrosystems.com
Page 13 of
41
7.2.3
Internal temperature sensor
The ASSP contains a high sensitive precision temperature sensor which can be used at any time. The sensor supplies a very linear voltage with
temperature. The voltage can be measured using the internal circuitry with gain 6, with free selection of all other parameters defining the sampling rate.
The slope of the curve is approx. 75 digits per degC.
The calculation of the temperature has to be done in the external µ C acc. to the following simple formula:
Tint=( Uint(T)-Uint(23) ) / 75 + 23°C
Uint(T) is the measured result and Uint(23) is the reference value at 23°C, which is stored as an 11 bit-word in the ZZR-register.
7.3
Digital part
In the digital part the result of the AD-converter is processed, i.e. calibration, active offset cancellation and filtering is done. In addition the
communication via the serial SDI interface is handled and all circuit functions (like voltage and current path settings, chopping, dechopping) are
controlled.
Whenever the power supply line returns from below POR threshold a power-up circuitry is activated which loads the internal calibration registers from
the Zener-Zap memory into the working register and starts the chip in a special default mode.
7.3.1
Sampling rate
the sampling rate (SR) is defined by the setting of parameters in register CRA or CRB. The oversampling frequency (OSF), the oversampling ratio
(OSR), the chopping ratio (MM) and the averaging number (AV). The sampling rate can be calculated acc. to the following formula:
SR= OSF/(OSR*MM*AV)
For an clock frequency of 8.192 MHz it can vary between
16 000 Hz and 1.95 Hz.
In the dual mode (see 7.4 mode 2) the ASSP is switching automatically between the two channels and it needs at least one measurement for each
polarity to get a valid measurement. In addition the ASSP needs some time to reprogram the internal registers and switches. Therefore the maximum
sampling frequency is limited to 7.5 kHz for the above given clock frequency. The internal averaging is not working in the dual mode, but the sampling
frequency can be different for each channel.
7.3.2
Calibration
The calibration of the ASSP is done by a test setup as follows:
-
room temperature calibration of the internal temperature sensor
-
absolute input-output calibration for all gain settings
-
TC calibration for the measurement path for gain 24
measurement of internal temperature sensor over oil bath temperature
15000
20000
25000
30000
35000
-50
-25
0
25
50
75
100
125
150
175
temperature in deg C
-100
-75
-50
-25
0
25
50
75
100
output signal
linearity deviation
cubic fit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com