Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8500 Datasheet(PDF) 11 Page - ams AG

Part # AS8500
Description  Universal multi pupose data aquisition system
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8500 Datasheet(HTML) 11 Page - ams AG

Back Button AS8500 Datasheet HTML 7Page - ams AG AS8500 Datasheet HTML 8Page - ams AG AS8500 Datasheet HTML 9Page - ams AG AS8500 Datasheet HTML 10Page - ams AG AS8500 Datasheet HTML 11Page - ams AG AS8500 Datasheet HTML 12Page - ams AG AS8500 Datasheet HTML 13Page - ams AG AS8500 Datasheet HTML 14Page - ams AG AS8500 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
AS8500 - Data Sheet
austriamicrosystems
Revision 1.2, 08-Junel-06
www.austriamicrosystems.com
Page 11 of
41
Writing into subregister TRIMBV of TRR changes the absolute value linearly by 5.1 mV per digit as shown in the following graph and described in full
detail in 7.5.7
Trimming the TC value is similarly done by writing into subregister TRIMBTC. Since the TC trimming is also changing the absolute value it is important
to trim the TC first and then the absolute value.
The TC trimming also opens the unique possibility to change the TC-value within the time of reprogramming of the TRR-register (i.e. within µsec) to
allow the compensation of
different TC-values of the external circuitry for different channels.
In addition it can be used for very fast autocalibration of the total TC of a given channel. An external reference voltage is applied to the channel to be
checked. Then all numbers from 0 to 31 are written into subregister TRIMBTC and a reading is done for the input voltage and the internal temperature
as well. The same is repeated at any temperature above RT. From these data the TRIMBTC setting for a minimum drift can be easily calculated.
temperature coefficient as function of TRIMBTC setting
-250
-200
-150
-100
-50
0
50
100
150
200
0
5
10
15
20
25
30
35
setting of subregister TRIMBTC of TRR
change 12.7 ppm/K
per step
as function of temperature
1,16
1,20
1,24
1,28
1,32
1,36
0
5
10
15
20
25
30
content of TRIMBV in bits
75 °C
24 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com