Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8500 Datasheet(PDF) 8 Page - ams AG

Part # AS8500
Description  Universal multi pupose data aquisition system
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8500 Datasheet(HTML) 8 Page - ams AG

Back Button AS8500 Datasheet HTML 4Page - ams AG AS8500 Datasheet HTML 5Page - ams AG AS8500 Datasheet HTML 6Page - ams AG AS8500 Datasheet HTML 7Page - ams AG AS8500 Datasheet HTML 8Page - ams AG AS8500 Datasheet HTML 9Page - ams AG AS8500 Datasheet HTML 10Page - ams AG AS8500 Datasheet HTML 11Page - ams AG AS8500 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
AS8500 - Data Sheet
austriamicrosystems
Revision 1.2, 08-Junel-06
www.austriamicrosystems.com
Page 8 of 41
Electrical characteristics (continued)
VDDA=5V +/-0.1 V, fclk=8.192 MHz, chopping ratio MM=4 (see 7.5.3), oversampling frequency=2.048 MHz, oversampling ratio=128
temperature range : -40 to 125°C if not otherwise noted
symbol
parameter
conditions
min
typ
max
units
programmable current source
output to Vbat, ETS, or ETR
Icurr_ON
current level
0
248
µA
I_steps
current steps
6
8
10
µA
TC_CS
temperature coefficient
900
ppm/K
Icurr_OFF
current when off
room temperature
0.001
µA
Icurr_Ri
internal resistance of current source Ua < 2 V
10
MOhm
digital CMOS inputs with pull up and schmidt-trigger
input PINs CLK and SCLK
Vih
high level input voltage
VDDD=5V
3.5
V
Vil
low level input voltage
VDDD=5V
1.5
V
Iih
current level
VDDD=5V, Vih=5V
-1
1
µA
Iil
current level
VDDD=5V, Vil=0
30
120
µA
digital CMOS outputs
output PINs SDAT and INTN
Voh
high level output voltage
VDDD=5V, -633uA
4.5
V
Vol
low level output voltage
VDDD=5V, 564uA
0.4
V
Cl
capacitive load
20
pF
Tristate digital I/O
Voh
high level output voltage
VDDD=5V, -633uA
4.5
V
Vol
low level output voltage
VDDD=5V, 564uA
0.4
V
Ioz
tristate leakage current to
VDDD,VSSD
VDDD=5V
-1
1
µA
Vih
high level input voltage
VDDD=5V
3.5
V
Vil
low level input voltage
VDDD=5V
1.5
V
supply current
Isup
normal operation
VDDD=VDDA=5V
3
5
mA
Iaw
active wake-up
VDDD=VDDA=5V
40
100
µA
1)
supply voltage
VDDA
positive analog supply voltage
4.7
5.0
5.3
V
2)
VDDD
positive digital supply voltage
4.5
5.0
5.5
V
VSS, VSSD
negative supply voltage
0
V
Power On Reset
Vporhi
Power on reset Hi
3.1
V
Vhyst
Hysteresis
0.2
V
Notes:
1)
the average current is dependent on the on-time of the measurement system i.e. it can be programed via the CRA register
2)
dynamic stability of analog supply should be within +/- 0.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com