Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8500 Datasheet(PDF) 36 Page - ams AG

Part # AS8500
Description  Universal multi pupose data aquisition system
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8500 Datasheet(HTML) 36 Page - ams AG

Back Button AS8500 Datasheet HTML 32Page - ams AG AS8500 Datasheet HTML 33Page - ams AG AS8500 Datasheet HTML 34Page - ams AG AS8500 Datasheet HTML 35Page - ams AG AS8500 Datasheet HTML 36Page - ams AG AS8500 Datasheet HTML 37Page - ams AG AS8500 Datasheet HTML 38Page - ams AG AS8500 Datasheet HTML 39Page - ams AG AS8500 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
AS8500 - Data Sheet
austriamicrosystems
Revision 1.2, 08-Junel-06
www.austriamicrosystems.com
Page 36 of
41
The total noise voltage generated at a given frequency resp. in a given frequency band (BW) is given by:
Un= En*sqr(BW)
This square root dependence can be seen very nicely in fig. 9.10. The typical square-root shaped dependence is found for both the peak to peak
noise as well as for the equivalent RMS noise.
The bandwidth resp. the sampling frequency of the AS8500 can be adapted to the requirements of the application by programming the internal digital
filter via the SDI bus. For a sampling frequency of 16kHz the input voltage RMS noise is less than 5µV, whereas at 500 Hz already 1µV (or 1LSB) is
reached.
If the customer needs even higher resolution at a lower measuring speed the internal integration time can be further increased but due to the
limitation of the digital noise ( 1LSB) it is better to perform an external averaging in the attached µC. In this way the resolution of the system can be
considerably increased to less than 0.1 µV for sampling rates of 5 Hz and below which corresponds to an effective AD-converter width of more than
20 bits. (see fig. 9.10)
9.4
Shielding, guarding
In many applications it is difficult to gain full benefit from the AS8500 performance since a number of external error sources can disturb the
measurement. To achieve the maximum performance the design engineer has to take care specially of the layout of the PC-board and the sense
connections to the external components. To avoid noise pick-up from external magnetic fields all tracks on the PC-board should be parallel strip lines
and they should be traced as close as possible to each other. External sensing cables should be twisted and kept away from current carrying cables
as far as possible. For longer cables a shielding is sometimes helpful but care should be taken that the shield is not connected to one of the sense
leads. For an optimum performance it should be open on one side, the other side should be connected to the central (star like) analog common point.
In very sensitive applications it may be wise to use a guard ring around both inputs and it should be connected again to the analog common point.
This procedure minimises leakage currents and parasitic capacitances between different terminals and components on the PC-board.
EMV interferences can be affectively avoided in most cases by using standard SMD-type high frequency filters in the analog input lines as well as in
the digital output lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com