Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8500 Datasheet(PDF) 23 Page - ams AG

Part # AS8500
Description  Universal multi pupose data aquisition system
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8500 Datasheet(HTML) 23 Page - ams AG

Back Button AS8500 Datasheet HTML 19Page - ams AG AS8500 Datasheet HTML 20Page - ams AG AS8500 Datasheet HTML 21Page - ams AG AS8500 Datasheet HTML 22Page - ams AG AS8500 Datasheet HTML 23Page - ams AG AS8500 Datasheet HTML 24Page - ams AG AS8500 Datasheet HTML 25Page - ams AG AS8500 Datasheet HTML 26Page - ams AG AS8500 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
AS8500 - Data Sheet
austriamicrosystems
Revision 1.2, 08-Junel-06
www.austriamicrosystems.com
Page 23 of
41
7.5.6
CAR calibration register ( 110 bits )
The aim of the calibration register is to hold the calibration constants that are used by the internal DSP for the correction
of each measurement (for the factory calibrated version AS8501). At power-up sequence the Zener-Zap subregister ZCL
default setting is copied into the CAR register. The register can be read or written in mode 8 via the SDI bus at any time.
In particular for the AS8500, which is not factory calibrated it is intended to overwrite the default setting with external data
defined by the user.
Nr.
CAR bits
109-99 98-88
87-77 76-66
65-55 54-44
43-33 32-22
21-11
10-0
NOTE
0
Subregister
CGI1
CGI2
CGI3
CGI4
CAU0 CAU1 CAU2 CAU3 CAU4 CAU5 1)
1
default
1548
1548
1548
0
1548
2047
2047
1548
1548
1548 2)
Notes:
1)
Calibration register is composed of the following constants each having 11 bits:
CGI1, CGI2, CGI3, CGI4, CAU0, CAU1, CAU2, CAU3, CAU4, CAU5
2)
Decimal default value of the calibration constant for voltage and current is calculated
using formula: CGdef=Nmax/NADdef=(Vref*1024)/(Vin*Gmax)=1548
7.5.7
TRR trimming register ( 20 bits )
In the TRR register the calibration constants for the reference voltage, for the amplifier-offset trim and for the current source setting are stored.
At power-up sequence the Zener-Zap subregister ZTR is loaded into the TRR register. This register can be read or written in mode 8 via the
SDI bus. In particular it is possible to write preliminary calibration constants into TRR or overwrite the loaded ZTR data, if a calibration has been
changed. The trimming of the TRR-registors is usually done at the factory before supplying the part.
Nr.
TRR bits
19-15
14-10
9-5
4-0
NOTE
0
Subregister
TRIMC
TRIMA
TRIMBV
TRIMBTC 1)
1
default
4
typ 0 or 1
16
17
Notes:
1)
writing into TRR register is done as usual with the MSB first
subregister TRIMC
change of current source output with TRIMC bits
Nr.
trimc0
dI/Io
Notes
trimcs
trimc3
trimc2
trimc1
%
0
0
0
0
0
0
0
1),2)
1
0
0
0
0
1
-1*2.3
1),2)
2
0
0
0
1
0
-2*2.3
1),2)
..
..
..
..
..
..
..
14
0
1
1
1
0
–14*2.3
1),2)
15
0
1
1
1
1
–15*2.3
1),2)
16
1
0
0
0
0
16*2.3
1),2)
17
1
0
0
0
1
15*2.3
18
1
0
0
1
0
14*2.3
1),2)
..
..
..
..
..
..
..
30
1
1
1
1
0
2*2.3
1),2)
31
1
1
1
1
1
1*2.3
Notes:
1)
Io is the current in µA at TRIMC = 00000
2)
The output current of the internal current source can be controlled in a wide range via the bit setting in CRG. In some applications it may be
necessary to trim the current in the rang of +/- 30% for an optimum result of the external temperature measurement. This trimming is achieved
with writing into subregister TRIMC of the TRR register. The trimming is done in % for all ranges selected in CRG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com