Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8500 Datasheet(PDF) 4 Page - ams AG

Part # AS8500
Description  Universal multi pupose data aquisition system
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8500 Datasheet(HTML) 4 Page - ams AG

  AS8500 Datasheet HTML 1Page - ams AG AS8500 Datasheet HTML 2Page - ams AG AS8500 Datasheet HTML 3Page - ams AG AS8500 Datasheet HTML 4Page - ams AG AS8500 Datasheet HTML 5Page - ams AG AS8500 Datasheet HTML 6Page - ams AG AS8500 Datasheet HTML 7Page - ams AG AS8500 Datasheet HTML 8Page - ams AG AS8500 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
AS8500 - Data Sheet
austriamicrosystems
Revision 1.2, 08-Junel-06
www.austriamicrosystems.com
Page 4 of 41
5
Absolute Maximum Ratings
Stress beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device. These are stress ratings only. Functional
operation of the device at these or any other conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. All voltages are defined with respect to VSS and VSSD. Positive currents
flow into the IC.
Absolute maximum ratings (TA = -40°C to 125°C unless otherwise specified)
Nr.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
0
Supply voltage
Analogue VDDA and digital VDDD
VDD
-0.3
7.0
V
Polarity inversion externally
protected
1
Input pin voltage
Vin
-0.3
VDD +0.3
V
2
Input current
(latch-up immunity)
ISCR
-100
100
mA
JEDEC 17
3
Electrostatic discharge
ESD
-2
2
kV
1)
4
Ambient temperature
TA
-40
125
O
C
(Tj = 150°C)
5
Storage temperature
TSTRG
-55
150
O
C
6
Soldering conditions
TLEAD
260
°C
2)
7
Humidity, non-condensing
5
85
%
8
Thermal resistance
RthJA
75
K/W
9
Power dissipation
PTOT
350
mW
Notes:
1)
MIL 883 E method 3015, HBM: R =1.5 k
", C =100pF.
2)
Jedec Std – 020C, lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com