Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 35 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 35 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 31Page - Texas Instruments AM1808AZCE4 Datasheet HTML 32Page - Texas Instruments AM1808AZCE4 Datasheet HTML 33Page - Texas Instruments AM1808AZCE4 Datasheet HTML 34Page - Texas Instruments AM1808AZCE4 Datasheet HTML 35Page - Texas Instruments AM1808AZCE4 Datasheet HTML 36Page - Texas Instruments AM1808AZCE4 Datasheet HTML 37Page - Texas Instruments AM1808AZCE4 Datasheet HTML 38Page - Texas Instruments AM1808AZCE4 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 264 page
background image
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
3.7.11
Boot
Table 3-13. Boot Mode Selection Terminal Functions(1)
SIGNAL
POWER
TYPE(2)
PULL(3)
DESCRIPTION
GROUP(4)
NAME
NO.
VP_DOUT[15/]/ LCD_D[15]/ UPP_XD[7] /GP7[7] / BOOT[7]
P4
I
CP[29]
C
VP_DOUT[14] / LCD_D[14] / UPP_XD[6] /GP7[6] / BOOT[6]
R3
I
CP[29]
C
VP_DOUT[13] / LCD_D[13] / UPP_XD[5] /GP7[5] / BOOT[5]
R2
I
CP[29]
C
VP_DOUT[12] / LCD_D[12] / UPP_XD[4] / GP7[4] / BOOT[4]
R1
I
CP[29]
C
Boot Mode Selection Pins
VP_DOUT[11] / LCD_D[11] / UPP_XD[3] /GP7[3] / BOOT[3]
T3
I
CP[29]
C
VP_DOUT[10] / LCD_D[10] / UPP_XD[2] /GP7[2] / BOOT[2]
T2
I
CP[29]
C
VP_DOUT[9] / LCD_D[9] / UPP_XD[1] /GP7[1] / BOOT[1]
T1
I
CP[29]
C
VP_DOUT[8] / LCD_D[8] / UPP_XD[0] /GP7[0] / BOOT[0]
U3
I
CP[29]
C
(1)
Boot decoding is defined in the bootloader application report.
(2)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(3)
IPD = Internal Pulldown resistor; IPU = Internal Pullup resistor; CP[n] = configurable pull-up/pull-down (where n is the pin group) using
the PUPDENA and PUPDSEL registers in the System Module. The pull-up and pull-down control of these pins is not active until the
device is out of reset. During reset, all of the pins associated with these registers are weakly pulled down. If the application requires a
pull-up, an external pull-up can be used.
(4)
This signal is part of a dual-voltage IO group (A, B or C). These groups can be operated at 3.3V or 1.8V nominal. The three groups can
be operated at independent voltages but all pins withina group will operate at the same voltage. Group A operates at the voltage of
power supply DVDD3318_A. Group B operates at the voltage of power supply DVDD3318_B. Group C operates at the voltage of power
supply DVDD3318_C.
Copyright © 2010, Texas Instruments Incorporated
Device Overview
35
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com