Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 19 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 15Page - Texas Instruments AM1808AZCE4 Datasheet HTML 16Page - Texas Instruments AM1808AZCE4 Datasheet HTML 17Page - Texas Instruments AM1808AZCE4 Datasheet HTML 18Page - Texas Instruments AM1808AZCE4 Datasheet HTML 19Page - Texas Instruments AM1808AZCE4 Datasheet HTML 20Page - Texas Instruments AM1808AZCE4 Datasheet HTML 21Page - Texas Instruments AM1808AZCE4 Datasheet HTML 22Page - Texas Instruments AM1808AZCE4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 264 page
background image
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
3.7
Terminal Functions
Table 3-3 to Table 3-29 identify the external signal names, the associated pin/ball numbers along with the
mechanical package designator, the pin type (I, O, IO, OZ, or PWR), whether the pin/ball has any internal
pullup/pulldown resistors, whether the pin/ball is configurable as an IO in GPIO mode, and a functional pin
description.
3.7.1
Device Reset and JTAG
Table 3-3. Reset and JTAG Terminal Functions
SIGNAL
POWER
TYPE(1)
PULL(2)
DESCRIPTION
GROUP(3)
NAME
NO.
RESET
RESET
K14
I
IPU
B
Device reset input
RESETOUT / UHPI_HAS / PRU1_R30[14] /
T17
O(4)
CP[21]
C
Reset output
GP6[15]
JTAG
TMS
L16
I
IPU
B
JTAG test mode select
TDI
M16
I
IPU
B
JTAG test data input
TDO
J18
O
IPU
B
JTAG test data output
TCK
J15
I
IPU
B
JTAG test clock
TRST
L17
I
IPD
B
JTAG test reset
EMU[0]
J16
I/O
IPU
B
Emulation pin
EMU[1]
K16
I/O
IPU
B
Emulation pin
RTCK/ GP8[0] (5)
K17
I/O
IPD
B
JTAG Test Clock Return Clock Output
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (ie., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor. CP[n] = configurable pull-up/pull-down (where n is the pin group) using
the PUPDENA and PUPDSEL registers in the System Module.
(3)
This signal is part of a dual-voltage IO group (A, B or C). These groups can be operated at 3.3V or 1.8V nominal. The three groups can
be operated at independent voltages but all pins withina group will operate at the same voltage. Group A operates at the voltage of
power supply DVDD3318_A. Group B operates at the voltage of power supply DVDD3318_B. Group C operates at the voltage of power
supply DVDD3318_C.
(4)
Open drain mode for RESETOUT function.
(5)
GP8[0] is initially configured as a reserved function after reset and will not be in a predictable state. This signal will only be stable after
the GPIO configuration for this pin has been completed. Users should carefully consider the system implications of this pin being in an
unknown state after reset.
Copyright © 2010, Texas Instruments Incorporated
Device Overview
19
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com