Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 60 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 56Page - Texas Instruments AM1808AZCE4 Datasheet HTML 57Page - Texas Instruments AM1808AZCE4 Datasheet HTML 58Page - Texas Instruments AM1808AZCE4 Datasheet HTML 59Page - Texas Instruments AM1808AZCE4 Datasheet HTML 60Page - Texas Instruments AM1808AZCE4 Datasheet HTML 61Page - Texas Instruments AM1808AZCE4 Datasheet HTML 62Page - Texas Instruments AM1808AZCE4 Datasheet HTML 63Page - Texas Instruments AM1808AZCE4 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 264 page
background image
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
3.7.27 Supply and Ground
Table 3-29. Supply and Ground Terminal Functions
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
E15, G7, G8,
G13, H6, H7,
H10, H11,
CVDD (Core supply)
H12, H13, J6,
PWR
Variable (1.2V - 1.0V) core supply voltage pins
J12, K6, K12,
L12, M8, M9,
N8
RVDD (Internal RAM supply)
E5, H14, N7
PWR
1.2V internal ram supply voltage pins
F14, G6, G10,
G11, G12,
DVDD18 (I/O supply)
PWR
1.8V I/O supply voltage pins
J13, K5, L6,
P13, R13
F5, F15, G5,
DVDD3318_A (I/O supply)
PWR
1.8V or 3.3-V dual-voltage LVCMOS I/O supply voltage pins, Group A
G14, G15, H5
E14, F6, F7,
F8, F10, F11,
DVDD3318_B (I/O supply)
PWR
1.8V or 3.3-V dual-voltage LVCMOS I/O supply voltage pins, Group B
F12, F13, G9,
J14, K15
J5, K13, L4,
L13, M13,
DVDD3318_C (I/O supply)
PWR
1.8V or 3.3-V dual-voltage LVCMOS I/O supply voltage pins, Group C
N13, P5, P6,
P12, R4
A19, H8, H9,
H15, J7, J8,
J9, J10, J11,
K7, K8, K9,
K10, K11, L5,
VSS (Ground)
GND
Ground pins.
L7, L8, L9,
L10, L11, M4,
M5, M6, M7,
M10, M11, N5,
N11, N12, P11
(1)
PWR = Supply voltage, GND - Ground.
60
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com