Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 79 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 79 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 75Page - Texas Instruments AM1808AZCE4 Datasheet HTML 76Page - Texas Instruments AM1808AZCE4 Datasheet HTML 77Page - Texas Instruments AM1808AZCE4 Datasheet HTML 78Page - Texas Instruments AM1808AZCE4 Datasheet HTML 79Page - Texas Instruments AM1808AZCE4 Datasheet HTML 80Page - Texas Instruments AM1808AZCE4 Datasheet HTML 81Page - Texas Instruments AM1808AZCE4 Datasheet HTML 82Page - Texas Instruments AM1808AZCE4 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 264 page
background image
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
For additional information on power management solutions from TI for this processor, follow the Power
Management link in the Product Folder on www.ti.com for this processor.
The processor supports multiple clock domains some of which have clock ratio requirements to each
other. PLL0_SYSCLK2:PLL0_SYSCLK4:PLL0_SYSCLK6 are synchronous to each other and the
SYSCLKn dividers must always be configured such that the ratio between these domains is 2:4:1. The
ASYNC and ASYNC3 clock domains are asynchronous to the other clock domains and have no specific
ratio requirement.
The table below summarizes the maximum internal clock frequencies at each of the voltage operating
points.
Table 6-5. Maximum Internal Clock Frequencies at Each Voltage Operating Point
CLOCK SOURCE
CLOCK DOMAIN
1.3V NOM
1.2V NOM
1.1V NOM
1.0V NOM
PLL0_SYSCLK1
Not used on this processor
-
-
-
-
SYSCLK2 clock domain peripherals and optional
PLL0_SYSCLK2
228 MHz
187.5 MHz
100 MHz
50 MHz
clock source for ASYNC3 clock domain peripherals
PLL0_SYSCLK3
Optional clock for ASYNC1 clock domain
133 MHz
133 MHz
100 MHz
75 MHz
PLL0_SYSCLK4
SYSCLK4 domain peripherals
114 MHz
93.75 MHz
50 MHz
25 MHz
PLL0_SYSCLK5
Not used on this processor
-
-
-
-
PLL0_SYSCLK6
ARM subsystem
456 MHz
375 MHz
200 MHz
100 MHz
Optional 50 MHz clock source for EMAC RMII
PLL0_SYSCLK7
50 MHz
50 MHz
-
-
interface
DDR2/mDDR Interface clock source (memory
PLL1_SYSCLK1
300 MHz
300 MHz
300 MHz
266 MHz
interface clock is one-half of the value shown)
Optional clock source for ASYNC3 clock domain
PLL1_SYSCLK2
152 MHz
150 MHz
100 MHz
75 MHz
peripherals
PLL1_SYSCLK3
Alternate clock source input to PLL Controller 0
50 MHz
50 MHz
50 MHz
50 MHz
McASP AUXCLK
Bypass clock source for the McASP
50 MHz
50 MHz
50 MHz
50 MHz
PLL0_AUXCLK
Bypass clock source for the USB0 and USB1
48 MHz
48 MHz
48 MHz
48 MHz
ASYNC
ASYNC Clock Domain (EMIFA)
100 MHz
100 MHz
66.6 MHz
33.3 MHz
ASYNC2
ASYNC2 Clock Domain (multiple peripherals)
50 MHz
50 MHz
50 MHz
50 MHz
ASYNC3
ASYNC3 Clock Domain (multiple peripherals)
152 MHz
150 MHz
100 MHz
75 MHz
Some interfaces have specific limitations on supported modes/speeds at each operating point. See the
corresponding peripheral sections of this document for more information.
TI provides software components (called the Power Manager) to perform DVFS and abstract the task from
the user. The Power Manager controls changing operating points (both frequency and voltage) and
handles the related tasks involved such as informing/controlling peripherals to provide graceful transitions
between operating points.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
79
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com