Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 58 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 58 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 54Page - Texas Instruments AM1808AZCE4 Datasheet HTML 55Page - Texas Instruments AM1808AZCE4 Datasheet HTML 56Page - Texas Instruments AM1808AZCE4 Datasheet HTML 57Page - Texas Instruments AM1808AZCE4 Datasheet HTML 58Page - Texas Instruments AM1808AZCE4 Datasheet HTML 59Page - Texas Instruments AM1808AZCE4 Datasheet HTML 60Page - Texas Instruments AM1808AZCE4 Datasheet HTML 61Page - Texas Instruments AM1808AZCE4 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 264 page
background image
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
Table 3-27. General Purpose Input Output Terminal Functions (continued)
SIGNAL
POWER
TYPE(1)
PULL(2)
DESCRIPTION
GROUP(3)
NAME
NO.
GP8
PRU0_R30[25] / MMCSD1_DAT[0] / UPP_CHB_CLOCK / GP8[15]
G1
I/O
CP30]
C
/ PRU1_R31[27]
PRU0_R30[24] / MMCSD1_CLK / UPP_CHB_START / GP8[14] /
G2
I/O
CP[30]
C
PRU1_R31[26]
PRU0_R30[23] / MMCSD1_CMD / UPP_CHB_ENABLE / GP8[13] /
J4
I/O
CP[30]
C
PRU1_R31[25]
PRU0_R30[22] / PRU1_R30[8] / UPP_CHB_WAIT / GP8[12] /
G3
I/O
CP[30]
C
PRU1_R31[24]
MMCSD1_DAT[7] / LCD_PCLK / PRU1_R30[7] / GP8[11]
F1
I/O
CP[31]
C
MMCSD1_DAT[6] / LCD_MCLK / PRU1_R30[6] / GP8[10] /
F2
I/O
CP[31]
C
PRU1_R31[7]
MMCSD1_DAT[5] / LCD_HSYNC / PRU1_R30[5] / GP8[9] /
H4
I/O
CP[31]
C
PRU1_R31[6]
GPIO Bank 8
MMCSD1_DAT[4] / LCD_VSYNC / PRU1_R30[4] / GP8[8] /
G4
I/O
CP[31]
C
PRU1_R31[5]
AXR0 / ECAP0_APWM0 / GP8[7] / MII_TXD[0] / CLKS0
F3
I/O
CP[6]
A
SPI0_SOMI /EPWMSYNCI / GP8[6] / MII_RXER
C16
I/O
CP[7]
A
SPI0_SIMO / EPWMSYNCO / GP8[5] / MII_CRS
C18
I/O
CP[7]
A
SPI0_SCS[5] / UART0_RXD / GP8[4] / MII_RXD[3]
C19
I/O
CP[8]
A
SPI0_SCS[4] / UART0_TXD / GP8[3] / MII_RXD[2]
D18
I/O
CP[8]
A
SPI0_SCS[3] / UART0_CTS / GP8[2] / MII_RXD[1] /
E17
I/O
CP[9]
A
SATA_MP_SWITCH
SPI0_SCS[2] / UART0_RTS / GP8[1] / MII_RXD[0]
D16
I/O
CP[9]
A
/SATA_CP_DET
RTCK/ GP8[0] (1)
K17
I/O
IPD
B
(1)
GP8[0] is initially configured as a reserved function after reset and will not be in a predictable state. This signal will only be stable after
the GPIO configuration for this pin has been completed. Users should carefully consider the system implications of this pin being in an
unknown state after reset.
58
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com