Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 87 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 83Page - Texas Instruments AM1808AZCE4 Datasheet HTML 84Page - Texas Instruments AM1808AZCE4 Datasheet HTML 85Page - Texas Instruments AM1808AZCE4 Datasheet HTML 86Page - Texas Instruments AM1808AZCE4 Datasheet HTML 87Page - Texas Instruments AM1808AZCE4 Datasheet HTML 88Page - Texas Instruments AM1808AZCE4 Datasheet HTML 89Page - Texas Instruments AM1808AZCE4 Datasheet HTML 90Page - Texas Instruments AM1808AZCE4 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 264 page
background image
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
Table 6-8. Power and Sleep Controller (PSC) Registers (continued)
PSC0 BYTE
PSC1 BYTE
ACRONYM
REGISTER DESCRIPTION
ADDRESS
ADDRESS
0x01C1 0838
0x01E2 7838
MDSTAT14
Module 14 Status Register
0x01C1 083C
0x01E2 783C
MDSTAT15
Module 15 Status Register
-
0x01E2 7840
MDSTAT16
Module 16 Status Register
-
0x01E2 7844
MDSTAT17
Module 17 Status Register
-
0x01E2 7848
MDSTAT18
Module 18 Status Register
-
0x01E2 784C
MDSTAT19
Module 19 Status Register
-
0x01E2 7850
MDSTAT20
Module 20 Status Register
-
0x01E2 7854
MDSTAT21
Module 21 Status Register
-
0x01E2 7858
MDSTAT22
Module 22 Status Register
-
0x01E2 785C
MDSTAT23
Module 23 Status Register
-
0x01E2 7860
MDSTAT24
Module 24 Status Register
-
0x01E2 7864
MDSTAT25
Module 25 Status Register
-
0x01E2 7868
MDSTAT26
Module 26 Status Register
-
0x01E2 786C
MDSTAT27
Module 27 Status Register
-
0x01E2 7870
MDSTAT28
Module 28 Status Register
-
0x01E2 7874
MDSTAT29
Module 29 Status Register
-
0x01E2 7878
MDSTAT30
Module 30 Status Register
-
0x01E2 787C
MDSTAT31
Module 31 Status Register
0x01C1 0A00
0x01E2 7A00
MDCTL0
Module 0 Control Register
0x01C1 0A04
0x01E2 7A04
MDCTL1
Module 1 Control Register
0x01C1 0A08
0x01E2 7A08
MDCTL2
Module 2 Control Register
0x01C1 0A0C
0x01E2 7A0C
MDCTL3
Module 3 Control Register
0x01C1 0A10
0x01E2 7A10
MDCTL4
Module 4 Control Register
0x01C1 0A14
0x01E2 7A14
MDCTL5
Module 5 Control Register
0x01C1 0A18
0x01E2 7A18
MDCTL6
Module 6 Control Register
0x01C1 0A1C
0x01E2 7A1C
MDCTL7
Module 7 Control Register
0x01C1 0A20
0x01E2 7A20
MDCTL8
Module 8 Control Register
0x01C1 0A24
0x01E2 7A24
MDCTL9
Module 9 Control Register
0x01C1 0A28
0x01E2 7A28
MDCTL10
Module 10 Control Register
0x01C1 0A2C
0x01E2 7A2C
MDCTL11
Module 11 Control Register
0x01C1 0A30
0x01E2 7A30
MDCTL12
Module 12 Control Register
0x01C1 0A34
0x01E2 7A34
MDCTL13
Module 13 Control Register
0x01C1 0A38
0x01E2 7A38
MDCTL14
Module 14 Control Register
0x01C1 0A3C
0x01E2 7A3C
MDCTL15
Module 15 Control Register
-
0x01E2 7A40
MDCTL16
Module 16 Control Register
-
0x01E2 7A44
MDCTL17
Module 17 Control Register
-
0x01E2 7A48
MDCTL18
Module 18 Control Register
-
0x01E2 7A4C
MDCTL19
Module 19 Control Register
-
0x01E2 7A50
MDCTL20
Module 20 Control Register
-
0x01E2 7A54
MDCTL21
Module 21 Control Register
-
0x01E2 7A58
MDCTL22
Module 22 Control Register
-
0x01E2 7A5C
MDCTL23
Module 23 Control Register
-
0x01E2 7A60
MDCTL24
Module 24 Control Register
-
0x01E2 7A64
MDCTL25
Module 25 Control Register
-
0x01E2 7A68
MDCTL26
Module 26 Control Register
-
0x01E2 7A6C
MDCTL27
Module 27 Control Register
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
87
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com