Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 67 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 63Page - Texas Instruments AM1808AZCE4 Datasheet HTML 64Page - Texas Instruments AM1808AZCE4 Datasheet HTML 65Page - Texas Instruments AM1808AZCE4 Datasheet HTML 66Page - Texas Instruments AM1808AZCE4 Datasheet HTML 67Page - Texas Instruments AM1808AZCE4 Datasheet HTML 68Page - Texas Instruments AM1808AZCE4 Datasheet HTML 69Page - Texas Instruments AM1808AZCE4 Datasheet HTML 70Page - Texas Instruments AM1808AZCE4 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 264 page
background image
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
Recommended Operating Conditions (continued)
NAME
DESCRIPTION
CONDITION
MIN
NOM
MAX
UNIT
Low-level input voltage, RTC_XI
0.2*RTC_CVDD
V
Low-level input voltage, OSCIN
0.2*CVDD
V
Transition
Transition time, 10%-90%, All Inputs (unless otherwise
tt
0.25P (4)
ns
Time
specified in the electrical data sections)
CVDD = 1.3V
0
456
operating point
CVDD = 1.2V
0
375
operating point
Commercial temperature grade
MHz
(default)
CVDD = 1.1V
0
200
operating point
CVDD = 1.0V
0
100
operating point
Operating
FPLL0_SYSCLK6
Frequency
CVDD = 1.3V
0
456
operating point
CVDD = 1.2V
0
375
operating point
Extended temperature grade (A
MHz
suffix)
CVDD = 1.1V
0
200
operating point
CVDD = 1.0V
0
100
operating point
(4)
Where P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve noise immunity
on input signals.
Copyright © 2010, Texas Instruments Incorporated
Device Operating Conditions
67
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com