Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 131 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 131 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 127Page - Texas Instruments AM1808AZCE4 Datasheet HTML 128Page - Texas Instruments AM1808AZCE4 Datasheet HTML 129Page - Texas Instruments AM1808AZCE4 Datasheet HTML 130Page - Texas Instruments AM1808AZCE4 Datasheet HTML 131Page - Texas Instruments AM1808AZCE4 Datasheet HTML 132Page - Texas Instruments AM1808AZCE4 Datasheet HTML 133Page - Texas Instruments AM1808AZCE4 Datasheet HTML 134Page - Texas Instruments AM1808AZCE4 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 264 page
background image
ReceiveLogic
C lo ck /F ra m e G e n e ra to r
StateMachine
ClockCheckand
Serializer0
Serializer1
Serializery
GIO
Control
DITRAM
384C
384U
Optional
Tra n s m it
F o rm a tte r
Receive
F o rm a tte r
Tra n s m it L o g ic
C lo ck /F ra m e G e n e ra to r
StateMachine
McASP
Peripheral
Configuration
Bus
McASP
DMA Bus
(Dedicated)
AHCLKRx
ACLKRx
AFSRx
AMUTEINx
AMUTEx
AFSXx
ACLKXx
AHCLKXx
AXRx[0]
AXRx[1]
AXRx[y]
Pins
Function
ReceiveMasterClock
ReceiveBitClock
R e c e iv e L e ft/R ig h t C lo ck o r F ra m e S y n c
Tra n s m it M a s te r C lo ck
Tra n s m it B it C lo ck
Tra n s m it L e ft/R ig h t C lo ck o r F ra m e S y n c
Tra n s m it/R e c e iv e S e ria l D a ta P in
Tra n s m it/R e c e iv e S e ria l D a ta P in
Tra n s m it/R e c e iv e S e ria l D a ta P in
ErrorDetection
TheMcASP DOESNOThavea
dedicated AMUTEINpin.
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
6.15 Multichannel Audio Serial Port (McASP)
The McASP serial port is specifically designed for multichannel audio applications. Its key features are:
•
Flexible clock and frame sync generation logic and on-chip dividers
•
Up to sixteen transmit or receive data pins and serializers
•
Large number of serial data format options, including:
–
TDM Frames with 2 to 32 time slots per frame (periodic) or 1 slot per frame (burst)
–
Time slots of 8,12,16, 20, 24, 28, and 32 bits
–
First bit delay 0, 1, or 2 clocks
–
MSB or LSB first bit order
–
Left- or right-aligned data words within time slots
•
DIT Mode with 384-bit Channel Status and 384-bit User Data registers
•
Extensive error checking and mute generation logic
•
All unused pins GPIO-capable
•
Transmit & Receive FIFO Buffers allow the McASP to operate at a higher sample rate by making it
more tolerant to DMA latency.
•
Dynamic Adjustment of Clock Dividers
–
Clock Divider Value may be changed without resetting the McASP
Figure 6-29. McASP Block Diagram
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
131
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com