Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 141 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 141 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 137Page - Texas Instruments AM1808AZCE4 Datasheet HTML 138Page - Texas Instruments AM1808AZCE4 Datasheet HTML 139Page - Texas Instruments AM1808AZCE4 Datasheet HTML 140Page - Texas Instruments AM1808AZCE4 Datasheet HTML 141Page - Texas Instruments AM1808AZCE4 Datasheet HTML 142Page - Texas Instruments AM1808AZCE4 Datasheet HTML 143Page - Texas Instruments AM1808AZCE4 Datasheet HTML 144Page - Texas Instruments AM1808AZCE4 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 264 page
background image
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
6.16.2 McBSP Electrical Data/Timing
The following assume testing over recommended operating conditions.
6.16.2.1
Multichannel Buffered Serial Port (McBSP) Timing
Table 6-57. Timing Requirements for McBSP0 [1.3V, 1.2V, 1.1V](1) (see Figure 6-32)
1.3V, 1.2V
1.1V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X ext
2P or 20(2) (3)
2P or 25(2) (3)
ns
3
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X ext
P - 1(4)
P - 1(4)
ns
CLKR int
14
15.5
Setup time, external FSR high before CLKR
5
tsu(FRH-CKRL)
ns
low
CLKR ext
4
5
CLKR int
6
6
6
th(CKRL-FRH)
Hold time, external FSR high after CLKR low
ns
CLKR ext
3
3
CLKR int
14
15.5
7
tsu(DRV-CKRL) Setup time, DR valid before CLKR low
ns
CLKR ext
4
5
CLKR int
3
3
8
th(CKRL-DRV)
Hold time, DR valid after CLKR low
ns
CLKR ext
3
3
CLKX int
14
15.5
10
tsu(FXH-CKXL) Setup time, external FSX high before CLKX low
ns
CLKX ext
4
5
CLKX int
6
6
11
th(CKXL-FXH)
Hold time, external FSX high after CLKX low
ns
CLKX ext
3
3
(1)
CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also
inverted.
(2)
P = AYNC3 period in ns. For example, when the ASYNC clock domain is running at 100 MHz, use 10 ns.
(3)
Use whichever value is greater. Minimum CLKR/X cycle times must be met, even when CLKR/X is generated by an internal clock
source. The minimum CLKR/X cycle times are based on internal logic speed; the maximum usable speed may be lower due to EDMA
limitations and AC timing requirements.
(4)
This parameter applies to the maximum McBSP frequency. Operate serial clocks (CLKR/X) in the reasonable range of 40/60 duty cycle.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
141
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com