Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 156 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 156 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 152Page - Texas Instruments AM1808AZCE4 Datasheet HTML 153Page - Texas Instruments AM1808AZCE4 Datasheet HTML 154Page - Texas Instruments AM1808AZCE4 Datasheet HTML 155Page - Texas Instruments AM1808AZCE4 Datasheet HTML 156Page - Texas Instruments AM1808AZCE4 Datasheet HTML 157Page - Texas Instruments AM1808AZCE4 Datasheet HTML 158Page - Texas Instruments AM1808AZCE4 Datasheet HTML 159Page - Texas Instruments AM1808AZCE4 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 264 page
background image
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
Table 6-70. Additional SPI0 Master Timings, 4-Pin Enable Option (1) (2) (3)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Polarity = 0, Phase = 0,
3P+5
3P+5
3P+6
to SPI0_CLK rising
Polarity = 0, Phase = 1,
0.5M+3P+5
0.5M+3P+5
0.5M+3P+6
to SPI0_CLK rising
Delay from slave assertion of SPI0_ENA active to first
17
td(ENA_SPC)M
ns
SPI0_CLK from master.(4)
Polarity = 1, Phase = 0,
3P+5
3P+5
3P+6
to SPI0_CLK falling
Polarity = 1, Phase = 1,
0.5M+3P+5
0.5M+3P+5
0.5M+3P+6
to SPI0_CLK falling
Polarity = 0, Phase = 0,
0.5M+P+5
0.5M+P+5
0.5M+P+6
from SPI0_CLK falling
Polarity = 0, Phase = 1,
P+5
P+5
P+6
from SPI0_CLK falling
Max delay for slave to deassert SPI0_ENA after final SPI0_CLK
18
td(SPC_ENA)M
ns
edge to ensure master does not begin the next transfer.(5)
Polarity = 1, Phase = 0,
0.5M+P+5
0.5M+P+5
0.5M+P+6
from SPI0_CLK rising
Polarity = 1, Phase = 1,
P+5
P+5
P+6
from SPI0_CLK rising
(1)
These parameters are in addition to the general timings for SPI master modes ( Table 6-68 ).
(2)
P = SYSCLK2 period; M = tc(SPC)M (SPI master bit clock period)
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four master clocking modes.
(4)
In the case where the master SPI is ready with new data before SPI0_ENA assertion.
(5)
In the case where the master SPI is ready with new data before SPI0_EN A deassertion.
Table 6-71. Additional SPI0 Master Timings, 4-Pin Chip Select Option (1) (2) (3)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Polarity = 0, Phase = 0,
2P-1
2P-2
2P-3
to SPI0_CLK rising
Polarity = 0, Phase = 1,
0.5M+2P-1
0.5M+2P-2
0.5M+2P-3
to SPI0_CLK rising
19
td(SCS_SPC)M
Delay from SPI0_SCS active to first SPI0_CLK(4) (5)
ns
Polarity = 1, Phase = 0,
2P-1
2P-2
2P-3
to SPI0_CLK falling
Polarity = 1, Phase = 1,
0.5M+2P-1
0.5M+2P-2
0.5M+2P-3
to SPI0_CLK falling
(1)
These parameters are in addition to the general timings for SPI master modes ( Table 6-68 ).
(2)
P = SYSCLK2 period; M = tc(SPC)M (SPI master bit clock period)
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four master clocking modes.
(4)
In the case where the master SPI is ready with new data before SPI0_SCS assertion.
(5)
This delay can be increased under software control by the register bit field SPIDELAY.C2TDELAY[4:0].
156
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com