Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 192 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 192 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 188Page - Texas Instruments AM1808AZCE4 Datasheet HTML 189Page - Texas Instruments AM1808AZCE4 Datasheet HTML 190Page - Texas Instruments AM1808AZCE4 Datasheet HTML 191Page - Texas Instruments AM1808AZCE4 Datasheet HTML 192Page - Texas Instruments AM1808AZCE4 Datasheet HTML 193Page - Texas Instruments AM1808AZCE4 Datasheet HTML 194Page - Texas Instruments AM1808AZCE4 Datasheet HTML 195Page - Texas Instruments AM1808AZCE4 Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 264 page
background image
MII_RXCLK
2
3
1
MII_TXCLK
2
3
1
MII_RXCLK(Input)
1
2
MII_RXD[3]-MII_RXD[0],
MII_RXDV,MII_RXER(Inputs)
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
6.22.1.1
EMAC Electrical Data/Timing
Table 6-98. Timing Requirements for MII_RXCLK (see Figure 6-45)
1.3V, 1.2V, 1.1V
1.0V
NO.
10 Mbps
100 Mbps
10 Mbps
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(MII_RXCLK)
Cycle time, MII_RXCLK
400
40
400
ns
2
tw(MII_RXCLKH)
Pulse duration, MII_RXCLK high
140
14
140
ns
3
tw(MII_RXCLKL)
Pulse duration, MII_RXCLK low
140
14
140
ns
Figure 6-45. MII_RXCLK Timing (EMAC - Receive)
Table 6-99. Timing Requirements for MII_TXCLK (see Figure 6-45)
1.3V, 1.2V, 1.1V
1.0V
NO.
PARAMETER
10 Mbps
100 Mbps
10 Mbps
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(MII_TXCLK)
Cycle time, MII_TXCLK
400
40
400
ns
2
tw(MII_TXCLKH)
Pulse duration, MII_TXCLK high
140
14
140
ns
3
tw(MII_TXCLKL)
Pulse duration, MII_TXCLK low
140
14
140
ns
Figure 6-46. MII_TXCLK Timing (EMAC - Transmit)
Table 6-100. Timing Requirements for EMAC MII Receive 10/100 Mbit/s(1) (see Figure 6-47)
1.3V, 1.2V, 1.1V, 1.0V
NO.
PARAMETER
UNIT
MIN
MAX
1
tsu(MRXD-MII_RXCLKH)
Setup time, receive selected signals valid before MII_RXCLK high
8
ns
2
th(MII_RXCLKH-MRXD)
Hold time, receive selected signals valid after MII_RXCLK high
8
ns
(1)
Receive selected signals include: MII_RXD[3]-MII_RXD[0], MII_RXDV, and MII_RXER.
Figure 6-47. EMAC Receive Interface Timing
192
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com