Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 222 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 222 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 218Page - Texas Instruments AM1808AZCE4 Datasheet HTML 219Page - Texas Instruments AM1808AZCE4 Datasheet HTML 220Page - Texas Instruments AM1808AZCE4 Datasheet HTML 221Page - Texas Instruments AM1808AZCE4 Datasheet HTML 222Page - Texas Instruments AM1808AZCE4 Datasheet HTML 223Page - Texas Instruments AM1808AZCE4 Datasheet HTML 224Page - Texas Instruments AM1808AZCE4 Datasheet HTML 225Page - Texas Instruments AM1808AZCE4 Datasheet HTML 226Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 264 page
background image
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
6.26.2 uPP Electrical Data/Timing
Table 6-116. Timing Requirements for uPP (see Figure 6-69, Figure 6-70, Figure 6-71, Figure 6-72)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
SDR mode
13.33
20
26.66
ns
1
tc(INCLK)
Cycle time, CHn_CLK
DDR mode
26.66
40
53.33
SDR mode
5
8
10
ns
2
tw(INCLKH)
Pulse width, CHn_CLK high
DDR mode
10
16
20
SDR mode
5
8
10
ns
3
tw(INCLKL)
Pulse width, CHn_CLK low
DDR mode
10
16
20
4
tsu(STV-INCLKH)
Setup time, CHn_START valid before CHn_CLK high
4
5.5
6.5
ns
5
th(INCLKH-STV)
Hold time, CHn_START valid after CHn_CLK high
0.8
0.8
0.8
ns
6
tsu(ENV-INCLKH)
Setup time, CHn_ENABLE valid before CHn_CLK high
4
5.5
6.5
ns
7
th(INCLKH-ENV)
Hold time, CHn_ENABLE valid after CHn_CLK high
0.8
0.8
0.8
ns
Setup time, CHn_DATA/XDATA valid before CHn_CLK
8
tsu(DV-INCLKH)
4
5.5
6.5
ns
high
9
th(INCLKH-DV)
Hold time, CHn_DATA/XDATA valid after CHn_CLK high
0.8
0.8
0.8
ns
10
tsu(DV-INCLKL)
Setup time, CHn_DATA/XDATA valid before CHn_CLK low
4
5.5
6.5
ns
11
th(INCLKL-DV)
Hold time, CHn_DATA/XDATA valid after CHn_CLK low
0.8
0.8
0.8
ns
19
tsu(WTV-INCLKL)
Setup time, CHn_WAIT valid before CHn_CLK high
10
12
14
ns
20
th(INCLKL-WTV)
Hold time, CHn_WAIT valid after CHn_CLK high
0.8
0.8
0.8
ns
21
tc(2xTXCLK)
Cycle time, 2xTXCLK input clock(1)
6.66
10
13.33
ns
(1)
2xTXCLK is an alternate transmit clock source that must be at least 2 times the required uPP transmit clock rate (as it is is divided down
by 2 inside the uPP). 2xTXCLK has no specified skew relationship to the CHn_CLOCK and therefore is not shown in the timing diagram.
Table 6-117. Switching Characteristics Over Recommended Operating Conditions for uPP
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
SDR mode
13.33
20
26.66
ns
12
tc(OUTCLK)
Cycle time, CHn_CLK
DDR mode
26.66
40
53.33
SDR mode
5
8
10
ns
13
tw(OUTCLKH)
Pulse width, CHn_CLK high
DDR mode
10
16
20
SDR mode
5
8
10
ns
14
tw(OUTCLKL)
Pulse width, CHn_CLK low
DDR mode
10
16
20
15
td(OUTCLKH-STV)
Delay time, CHn_START valid after CHn_CLK high
2
11
2
15
2
21
ns
16
td(OUTCLKH-ENV)
Delay time, CHn_ENABLE valid after CHn_CLK high
2
11
2
15
2
21
ns
17
td(OUTCLKH-DV)
Delay time, CHn_DATA/XDATA valid after CHn_CLK high
2
11
2
15
2
21
ns
18
td(OUTCLKL-DV)
Delay time, CHn_DATA/XDATA valid after CHn_CLK low
2
11
2
15
2
21
ns
222
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com