Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 253 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 253 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 249Page - Texas Instruments AM1808AZCE4 Datasheet HTML 250Page - Texas Instruments AM1808AZCE4 Datasheet HTML 251Page - Texas Instruments AM1808AZCE4 Datasheet HTML 252Page - Texas Instruments AM1808AZCE4 Datasheet HTML 253Page - Texas Instruments AM1808AZCE4 Datasheet HTML 254Page - Texas Instruments AM1808AZCE4 Datasheet HTML 255Page - Texas Instruments AM1808AZCE4 Datasheet HTML 256Page - Texas Instruments AM1808AZCE4 Datasheet HTML 257Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 264 page
background image
TDO
Router
TDI
Steps
CLK
TMS
Router
ARM926EJ-S/ETM
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
Table 6-144. JTAG Port Description (continued)
PIN
TYPE
NAME
DESCRIPTION
EMU0
I/O
Emulation 0
Channel 0 trigger + HSRTDX
EMU1
I/O
Emulation 1
Channel 1 trigger + HSRTDX
6.34.2 Scan Chain Configuration Parameters
Table 6-145 shows the TAP configuration details required to configure the router/emulator for this device.
Table 6-145. JTAG Port Description
Router Port ID
Default TAP
TAP Name
Tap IR Length
17
No
C674x
38
18
No
ARM926
4
19
No
ETB
4
The router is revision C and has a 6-bit IR length.
6.34.3 Initial Scan Chain Configuration
The first level of debug interface that sees the scan controller is the TAP router module. The debugger
can configure the TAP router for serially linking up to 16 TAP controllers or individually scanning one of
the TAP controllers without disrupting the IR state of the other TAPs.
6.34.3.1 Adding TAPS to the Scan Chain
The TAP router must be programmed to add additional TAPs to the scan chain. The following JTAG scans
must be completed to add the ARM926EJ-S to the scan chain.
A Power-On Reset (POR) or the JTAG Test-Logic Reset state configures the TAP router to contain only
the router’s TAP.
Figure 6-86. Adding ARM926EJ-S to the scan chain
Pre-amble: The device whose data reaches the emulator first is listed first in the board configuration file.
This device is a pre-amble for all the other devices. This device has the lowest device ID.
Post-amble: The device whose data reaches the emulator last is listed last in the board configuration file.
This device is a post-amble for all the other devices. This device has the highest device ID.
•
Function : Update the JTAG preamble and post-amble counts.
–
Parameter : The IR pre-amble count is '0'.
–
Parameter : The IR post-amble count is '0'.
–
Parameter : The DR pre-amble count is '0'.
–
Parameter : The DR post-amble count is '0'.
–
Parameter : The IR main count is '6'.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
253
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com