Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3203DI Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAN3203DI
Description  WIRELESS OPTICAL MOUSE SINGLE CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3203DI Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PAN3203DI Datasheet HTML 3Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 4Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 5Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 6Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 7Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 8Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 9Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 10Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PixArt Imaging Inc.
PAN3203DI
Wireless Optical Mouse Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
7
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.1 Jan. 2006
4. Referencing Application Circuit
4.1 1.8V Application Circuit (with Red LED)
BAT_3.0V
VCC_1.8V
BatDetect
+
C11
1uF
RFcarrier
+
C20
1uF
VCC_1.8V
C32
22uF
X1
27.042MHZ
#3. RF TX Circuit
MKEY
B4
C33
22uF
R8
10K
LKEY
BatDetect
SW3
B4
R20
short/open
* R5 open
U1
ELM9318
VOUT
SW
Z2
RKEY
C4
47uF
R21
open/short
+
C23
1uF
Note1:
R20
R21
short
open
==>VDD_1.8V
open
short ==>BAT_3.0V
L2
220uH
Q4
2N3906
C10
0.1uF
BAT_1.5V
C13
100pF
BAT_1.5V
ENSW1
ENCODER
Z2
Z1
COM
BAT_3.0V
R6 2K
SW2
VCC_1.8V
RFDATA
C18 10pF
Q2
3904
C31
100uF
R1
R11
100K
C30
47uF
RFEN
ISCK
RFosc
#4. Sensor Circuit
BatDetect
VCC_1.8V
* C19
SW1
+
C21
10uF
B5
R7
10K
D3
1N5819
BAT_3.0V
Note2:
Please reserve C19,R5,SW7 for future use
C6
22pF
RFcarrier
VIN PAD
U5
ELM9818
C24
0.1uF
LKEY
* SW7
RFosc
Optional power source: A or B
MKEY
RFU
RFID
LED_2.7V
R14
100K
U3
24AA02
A0
A1
A2
VSS SDA
SCL
WP
VCC
ISDA
RFDATA
VR2
100K
#2. EEPROM & LED-POWER Circuit
U2
ELM9327
VOUT
SW
LED_2.7V
R10
470K
R9
170K
A
VCC_1.8V
RFID
Q1
2N3906
D1
R4
10R
+
C8
1uF
Q3
3904
BAT_1.5V
Z2
C12
100pF
VR1
100K
RKEY
A. DC/DC Converter
Z1
B5
SW4
SW6
U4
PAN3203DI
20
17
23
2
24
15
6
3
21
7
14
16
8
13
1
19
10
22
4
18
9
5
11
12
BR
RFID
RFU
ZY2
BATLow
ISCK
OSCOUT
BL
BM
OSCIN
NC
ISDA
VDDD
B5
ZY1
RFEN
VDD
NC
B4
RFDATA
VSS
LED
VDDA
VREF
C22
0.1uF
D2
1N5819
VCC_1.8V
ISCK
L1 200uH
B. Regulator
ISDA
SW5
VCC_1.8V
RFU
C3
47uF
C5
0.1uF
VCC_1.8V
C9
0.1uF
RFEN
#1. Battery Power Circuit
Z1
R3 10K
Q4
2N3906
Figure4. Application Circuit for 1.8V (with Red LED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com